Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54973 Datasheet (PDF) - Texas Instruments

TPS54973 Datasheet PDF - Texas Instruments
Part # TPS54973
Download  TPS54973 Download
File Size   948.83 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP

TPS54973 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54973 Datasheet PDF - Texas Instruments

Part # TPS54973
Download  TPS54973 Click to download

File Size   948.83 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP

TPS54973 Datasheet (HTML) - Texas Instruments


TPS54973 Product details

FEATURES
15-mΩ MOSFET Switches for High Efficiency
at 9-A Continuous Output Source or Sink
Current
Disabled Current Sinking During Start-Up
0.9-V to 2.5-V Adjustable Output Voltage
Range With 1.0% Accuracy
Wide PWM Frequency:
Fixed 350 kHz, 550 kHz or
Adjustable 280 kHz to 700 kHz
Synchronizable to 700 kHz
Load Protected by Peak Current Limit and
Thermal Shutdown
Integrated Solution Reduces Board Area and
Component Count

APPLICATIONS
Low-Voltage, High-Density Distributed Power
Systems
Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
Broadband, Networking and Optical
Communications Infrastructure
Power PC Series Processors

DESCRIPTION
As a member of the SWIFT™ family of dc/dc regulators,
the TPS54973 low-input voltage high-output current
synchronous buck PWM converter integrates all
required active components. Included on the substrate
with the listed features are a true, high performance,
voltage error amplifier that enables maximum
performance and flexibility in choosing the output filter
L and C components; an undervoltage-lockout circuit to
prevent start-up until the input voltage reaches 3 V; an
internally or externally set slow-start circuit to limit
in-rush currents; and a power good output useful for
processor/logic reset, fault signaling, and supply
sequencing.
For reliable power up in output precharge applications,
the TPS54973 is designed to only source current during
startup.
The TPS54973 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD™ package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT™ designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.




Similar Part No. - TPS54973

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54973PWP TI-TPS54973PWP Datasheet
282Kb / 10P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973PWPR TI-TPS54973PWPR Datasheet
282Kb / 10P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973PWPRG4 TI-TPS54973PWPRG4 Datasheet
282Kb / 10P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Similar Description - TPS54973

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873 Datasheet
163Kb / 15P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWP TI-TPS54873PWP Datasheet
282Kb / 10P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54073 TI-TPS54073 Datasheet
1Mb / 23P
2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI1-TPS54873_16 Datasheet
707Kb / 23P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com