Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54610 Datasheet (PDF) - Texas Instruments

TPS54610 Datasheet PDF - Texas Instruments
Part # TPS54610
Download  TPS54610 Download
File Size   988.6 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)

TPS54610 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54610 Datasheet PDF - Texas Instruments

Part # TPS54610
Download  TPS54610 Click to download

File Size   988.6 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)

TPS54610 Datasheet (HTML) - Texas Instruments


TPS54610 Product details

FEATURES
· Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
· Extended Temperature Performance of –55°C
to 125°C
· Enhanced Diminishing Manufacturing
Sources (DMS) Support
· Enhanced Product-Change Notification
· Qualification Pedigree (1)
· 30-mW, 12-A Peak MOSFET Switches for High
Efficiency at 6-A Continuous Output Source
and Sink
· 0.9-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V
Fixed Output Voltage Devices With 1% Initial
Accuracy
· Internally Compensated for Easy Use and
Minimal Component Count
· Fast Transient Response
· Wide PWM Frequency - Fixed 350 kHz,
550 kHz or Adjustable 280 kHz to 700 kHz
· Load Protected by Peak Current Limit and
Thermal Shutdown
· Integrated Solution Reduces Board Area and
Total Cost

APPLICATIONS
· Low-Voltage, High-Density Systems With
Power Distributed at 5 V or 3.3 V
· Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
· Broadband, Networking and Optical
Communications Infrastructure
· Portable Computing/Notebook PCs

DESCRIPTION
The SWIFT™ family of dc/dc regulators, the
TPS54611, TPS54612, TPS54613, TPS54614,
TPS54615, and TPS54616 low-input voltage
high-output current synchronous-buck PWM
converters integrate all required active components.
Included on the substrate are true, high-performance, voltage error amplifiers that provide high performance
under transient conditions; an under-voltage lockout
circuit to prevent start-up until the input voltage
reaches 3 V; an internally and externally set
slow-start circuit to limit in-rush currents; and a power good output useful for processor/logic reset, fault
signaling, and supply sequencing.
The TPS54611-6 devices are available in a thermally enhanced 28-pin TSSOP (PWP) PowerPAD™
package, which eliminates bulky heatsinks. Texas
Instruments provides evaluation modules and the
SWIFT™ designer software tool to aid in quickly
achieving high-performance power supply designs to
meet aggressive equipment development cycles.




Similar Part No. - TPS54610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54610 TI-TPS54610 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54610 TI-TPS54610 Datasheet
976Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610 TI2-TPS54610 Datasheet
1Mb / 25P
3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
REVISED AUGUST 2007
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Similar Description - TPS54610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com