Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61045 Datasheet (PDF) - Texas Instruments

TPS61045 Datasheet PDF - Texas Instruments
Part # TPS61045
Download  TPS61045 Download
File Size   922.89 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61045 Digitally Adjustable Boost Converter

TPS61045 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61045 Datasheet PDF - Texas Instruments

Part # TPS61045
Download  TPS61045 Click to download

File Size   922.89 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61045 Digitally Adjustable Boost Converter

TPS61045 Datasheet (HTML) - Texas Instruments


TPS61045 Product details

1 Features
1• Input Voltage Range from 1.8 to 6 V
• Output Voltage of up to 28 V Possible
• Up to 85% Efficiency
• Digitally Adjustable Output Voltage Control
• Disconnects Output From Input During Shutdown
• Switching Frequency up to 1 MHz
• No Load Quiescent Current 40 μA Typical
• Thermal Shutdown Mode
• Shutdown Current 0.1 μA Typical
• Available in Small 3-mm × 3-mm VSON Package

2 Applications
• LCD Bias Supply for Small to Medium LCD
Displays
• OLED Display Power Supply
– PDA, Pocket PC, Smart Phones
– Handheld Devices
– Cellular Phones

3 Description
The TPS61045 device is a high-frequency boost
converter with digitally-programmable output voltage and true shutdown. During shutdown, the output is
disconnected from the input by opening the internal
input switch. This allows a controlled power-up and
power-down sequencing of the display. The output voltage can be increased or decreased in digital
steps by applying a logic signal to the CTRL pin. The
output voltage range, as well as the output voltage
step size, can be programmed with the feedback
divider network. With a high switching frequency of up to 1 MHz, the TPS61045 device allows the use of
small external components, and together, with the
small 8-pin VSON package, a minimum system
solution size is achieved.




Similar Part No. - TPS61045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS61045 TI1-TPS61045 Datasheet
1Mb / 26P
TPS61045 Digitally Adjustable Boost Converter
TPS61045 TI1-TPS61045 Datasheet
1Mb / 26P
Digitally Adjustable Boost Converter
TPS61045DRB TI-TPS61045DRB Datasheet
499Kb / 20P
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS61045DRBR TI-TPS61045DRBR Datasheet
499Kb / 20P
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
More results


Similar Description - TPS61045

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
Digitally Adjustable Voltage References
Jul 01, 2001
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
42V, DC-DC Boost Converter with adjustable Softstart
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
AUGUST 2004
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264_14 Datasheet
1Mb / 83P
One Programmable/Adjustable Boost Converter
logo
Texas Instruments
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
TPS61045 Digitally Adjustable Boost Converter
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
Digitally adjustable gain
REV. A
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
Digitally Adjustable Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com