Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62619 Datasheet (PDF) - Texas Instruments

TPS62619 Datasheet PDF - Texas Instruments
Part # TPS62619
Download  TPS62619 Download
File Size   915.48 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)

TPS62619 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62619 Datasheet PDF - Texas Instruments

Part # TPS62619
Download  TPS62619 Click to download

File Size   915.48 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)

TPS62619 Datasheet (HTML) - Texas Instruments


TPS62619 Product details

1FEATURES
23• 90% Efficiency at 6MHz Operation
• 31mA Quiescent Current
• Wide V IN Range From 2.3V to 5.5V
• 6MHz Regulated Frequency Operation
• Best in Class Load and Line Transient
• ±2% Total DC Voltage Accuracy
• Automatic PFM/PWM Mode Switching
• Low Ripple Light-Load PFM Mode
• >50dB VIN PSRR (1kHz to 10kHz)
• Internal Soft-Start, 100-ms Start-Up Time
• Integrated Active Power-Down Sequencing
(Optional)
• Three Surface-Mount External Components
Required (One 0603 MLCC Inductor, Two 0402
Ceramic Capacitors)
• Complete Sub 0.4-mm Component Profile
Solution
• Total Solution Size <10 mm2
• Available in a 6-Pin NanoFree™ (CSP)
Ultra-Thin Packaging

APPLICATIONS
• Cell Phones, Smart-Phones
• WLAN, GPS and Bluetooth™ Applications
• DTV Tuner Applications
• DC/DC Micro Modules

DESCRIPTION
The TPS6261x device is a high-frequency
synchronous step-down dc-dc converter optimized for
battery-powered portable applications. Intended for
low-power applications, the TPS6261x supports up to
350-mA load current, and allows the use of low cost
chip inductor and capacitors.
With a wide input voltage range of 2.3V to 5.5V, the device supports applications powered by Li-Ion
batteries with extended voltage range. Different fixed
voltage output versions are available from 1.2V to
2.3V.
The TPS6261x operates at a regulated 6-MHz
switching frequency and enters the power-save mode
operation at light load currents to maintain high
efficiency over the entire load current range.
The PFM mode extends the battery life by reducing
the quiescent current to 31mA (typ) during light load
operation. For low-frequency noise-sensitive
applications, the device can be forced into fixed
frequency PWM mode by pulling the MODE pin high.
These features, combined with high PSRR and AC
load regulation performance, make this device
suitable to replace a linear regulator to obtain better
power conversion efficiency.
The TPS6261x is available in an 6-pin thin chip-scale
package (CSP, 0.4mm max. height).




Similar Part No. - TPS62619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
749Kb / 27P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
915Kb / 29P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619YFD TI-TPS62619YFD Datasheet
770Kb / 26P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619YFD TI-TPS62619YFD Datasheet
749Kb / 27P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Similar Description - TPS62619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62619 TI-TPS62619_10 Datasheet
915Kb / 29P
350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62671 TI1-TPS62671_16 Datasheet
1Mb / 35P
500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com