Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60240 Datasheet (PDF) - Texas Instruments

TPS60240 Datasheet PDF - Texas Instruments
Part # TPS60240
Download  TPS60240 Download
File Size   600.27 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6024x 170-μVrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply

TPS60240 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS60240 Datasheet PDF - Texas Instruments

Part # TPS60240
Download  TPS60240 Click to download

File Size   600.27 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6024x 170-μVrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply

TPS60240 Datasheet (HTML) - Texas Instruments


TPS60240 Product details

1 Features
1• Wide Input Voltage Range from 1.8 V to 5.5 V
• Regulated 2.7-V, 3-V, 3.3-V or 5-V Output Voltage
With ±2.5% Accuracy Over Load
• Up to 25-mA Output Current
• 170-μVrms Zero Ripple Output:
at 20 Hz to 10 MHz Bandwidth
• Up to 90% Efficiency
• Minimum Number of External Components
– No Inductors
– Only Small Ceramic Chip Capacitors
• Shutdown Mode: 0.1 μA Typical
• Thermal Protection and Current Limit
• Micro-Small 8-Pin VSSOP Package surface•
EVM Available TPS60241EVM-194

2 Applications current•
VCO and PLL Power for:
– Smart Phones
– Mobile Phones
– PCMCIA Modems
• Smartcard Readers
• Digital Cameras
• MP3 Players
• SIM Modules
• Electronic Games
• Memory Backup
• Handheld Meters
• Bias Supplies

3 Description
The TPS6024x devices are a family of switched
capacitor voltage converters, ideally suited for voltage-controlled oscillator (VCO) and phase-locked
loop (PLL) applications that require low noise and
tight tolerances. Its dual-cap design uses four
ceramic capacitors to provide ultra-low output ripple
with high efficiency, while eliminating the need for
inefficient linear regulators.
The TPS6024x devices operate down to 1.8 V,
supporting a 3.3-V, 2.7-V, 3-V output from two-cell,
nickel- or alkaline-based chemistries, whereas the
TPS60241 works with 2.7-V to 5.5-V input voltage
providing a 5-V output. The devices work equally well
for low EMI DC–DC step-up conversion without the need for an inductor. The high switching frequency
(typical 160 kHz) promotes the use of small surface•
mount capacitors, saving board space. The shutdown
mode of the converter conserves battery energy.
The devices are thermally protected and current•
limited for reliable operation even under persisting
fault conditions. Normal quiescent current (ground pin current) is only 250 μA, and typically 0.1 μA in
shutdown mode. The TPS6024x devices come in a
thin, 8-pin VSSOP package with a component height
of only 1.1 mm.




Similar Part No. - TPS60240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
TPS60240 TI1-TPS60240 Datasheet
1Mb / 22P
TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240 Datasheet
963Kb / 22P
TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240DGK TI-TPS60240DGK Datasheet
377Kb / 10P
170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
TPS60240DGK TI1-TPS60240DGK Datasheet
1Mb / 22P
TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
More results


Similar Description - TPS60240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
60MA SWITCHED CAP BUCK/BOOST CONVERTER
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
60mA Switched-Cap BUCK/BOOST CONVERTER
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI1-TPS60240_16 Datasheet
1Mb / 22P
TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com