Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62650 Datasheet (PDF) - Texas Instruments

TPS62650 Datasheet PDF - Texas Instruments
Part # TPS62650
Download  TPS62650 Download
File Size   968.49 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING

TPS62650 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62650 Datasheet PDF - Texas Instruments

Part # TPS62650
Download  TPS62650 Click to download

File Size   968.49 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING

TPS62650 Datasheet (HTML) - Texas Instruments


TPS62650 Product details

1FEATURES
2• 86% Efficiency at 6 MHz Operation
• 38μA Quiescent Current
• Wide VIN Range From 2.3 V to 5.5 V
• 6MHz Regulated Frequency Operation
• Best-In-Class Load and Line Transient
• ±2% PWM DC Voltage Accuracy
• Automatic PFM/PWM Mode Switching
• Low Ripple Light-Load PFM
• I2C Compatible Interface up to 3.4 Mbps
• Pin-Selectable Output Voltage (VSEL)
• Internal Soft-Start, <150-μs Start-Up Time
• Current Overload and Thermal Shutdown
Protection
• Three Surface-Mount External Components
Required (One MLCC Inductor, Two Ceramic
Capacitors)
• Complete Sub 1-mm Component Profile
Solution
• Total Solution Size <13mm2
• Available in a 9-Pin NanoFree™ (CSP)
Packaging

APPLICATIONS
• SmartReflex™ Compliant Power Supply
• OMAP™ Application Processor Core Supply
• Cell Phones, Smart-Phones
• Micro DC-DC Converter Modules

DESCRIPTION
The TPS6265x device is a high-frequency
synchronous step-down dc-dc converter optimized for
battery-powered portable applications. Intended for
low-power applications, the TPS6265x supports up to
800mA load current and allows the use of small, low
cost inductors and capacitors.
The device is ideal for mobile phones and similar
portable applications powered by a single-cell Li-Ion
battery. With an output voltage range adjustable via
I2C interface down to 0.75V, the device supports
low-voltage DSPs and processors core power
supplies in smart-phones and handheld computers.
The TPS6265x operates at a regulated 6MHz
switching frequency and enters the efficiency
optimized power-save mode operation at light load
currents to maintain high efficiency over the entire
load current range. In the shutdown mode, the
current consumption is reduced to less than 3.5μA.
The serial interface is compatible with Standard,
Fast/Fast Plus and High-Speed mode I2C
specification allowing transfers at up to 3.4 Mbps.
This communication interface is used for dynamic
voltage scaling with voltage steps down to 12.5mV,
for setting the output voltage or reprogramming the
mode of operation (PFM/PWM or Forced PWM) for
instance.
The TPS6265x is available in an 9-pin chip-scale
package (CSP).




Similar Part No. - TPS62650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI1-TPS62650 Datasheet
847Kb / 38P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62650 TI-TPS62650 Datasheet
1Mb / 39P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI2-TPS62650 Datasheet
988Kb / 43P
800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging
REVISED FEBRUARY 2013
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
More results


Similar Description - TPS62650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com