Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62220 Datasheet (PDF) - Texas Instruments

TPS62220 Datasheet PDF - Texas Instruments
Part # TPS62220
Download  TPS62220 Download
File Size   716.93 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23

TPS62220 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62220 Datasheet PDF - Texas Instruments

Part # TPS62220
Download  TPS62220 Click to download

File Size   716.93 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23

TPS62220 Datasheet (HTML) - Texas Instruments


TPS62220 Product details

1FEATURES
2· High-Efficiency Synchronous Step-Down
Converter With up to 95% Efficiency
· 2.5-V to 6-V Input Voltage Range
· Adjustable Output Voltage Range From 0.7 V
to V I
· Fixed Output Voltage Options Available
· Up to 400-mA Output Current
· 1.25-MHz Fixed Frequency PWM Operation
· Highest Efficiency Over Wide Load Current
Range Due to Power-Save Mode
· 15 mA Typical Quiescent Current
· Soft Start
· 100% Duty Cycle Low-Dropout Operation
· Dynamic Output-Voltage Positioning
· Available in TSOT23 Package

APPLICATIONS
· PDAs and Pocket PC
· Cellular Phones, Smart Phones
· OMAP™ and Low Power DSP Supply
· Digital Cameras
· Portable Media Players
· Portable Equipment
· WLAN PC Cards

DESCRIPTION
The TPS6222x devices are a family of high-efficiency,
synchronous step-down converters ideally suited for
portable systems powered by 1-cell Li-Ion or 3-cell
NiMH/NiCd batteries. The devices are also suitable to
operate from a standard 3.3-V or 5-V voltage rail.
With an output voltage range of 6 V down to 0.7 V and up to 400-mA output current, the devices are
ideal for powering the low voltage TMS320™ DSP
family and processors used in PDAs, pocket PCs,
and smart phones. Under nominal load current, the
devices operate with a fixed switching frequency of typically 1.25 MHz. At light load currents, the part
enters the power-save mode operation; the switching
frequency is reduced and the quiescent current is
typically only 15 mA; therefore, the device achieves the highest efficiency over the entire load current
range. The TPS6222x needs only three small
external components. Together with the tiny TSOT23
package, a minimum system solution size can be
achieved. An advanced fast response voltage mode
control scheme achieves superior line and load regulation with small ceramic input and output
capacitors.




Similar Part No. - TPS62220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220 Datasheet
745Kb / 24P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220 Datasheet
682Kb / 24P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI2-TPS62220 Datasheet
726Kb / 30P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
REVISED FEBRUARY 2009
TPS62220DDC TI-TPS62220DDC Datasheet
464Kb / 20P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Similar Description - TPS62220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62220 TI-TPS62220_07 Datasheet
745Kb / 24P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com