Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2502S-UNW Datasheet (PDF) - Dallas Semiconductor

DS2502S-UNW Datasheet PDF - Dallas Semiconductor
Part # DS2502S-UNW
Download  DS2502S-UNW Download
File Size   258.08 Kbytes
Page   1 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description UniqueWareTM Add Only Memory

DS2502S-UNW Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2502S-UNW Datasheet PDF - Dallas Semiconductor

Part # DS2502S-UNW
Download  DS2502S-UNW Click to download

File Size   258.08 Kbytes
Page   1 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description UniqueWareTM Add Only Memory

DS2502S-UNW Datasheet (HTML) - Dallas Semiconductor


DS2502S-UNW Product details

SPECIAL FEATURES
• 512 bits (DS2501-UNW) or 1024 bits (DS2502-UNW)
Electrically Programmable Read Only Memory
(EPROM) communicates with the economy of one signal plus ground
• Unique, factory-lasered and tested 64-bit registration
number (8-bit family code, 36-bit serialization, 12-bit
UniqueWare Identifier 5E7H, 8-bit CRC-tester)
assures absolute traceability because no two parts are
alike. Family code 91H for the DS2501-UNW, 89H for
the DS2502-UNW
• Built-in multidrop controller ensures compatibility with
other MicroLANTM products
• EPROM partitioned into two (DS2501-UNW) or four
(DS2502-UNW) 256-bit pages for randomly accessing
packetized data records
• Each memory page can be permanently write-protected to prevent tampering
• Device is an "add only" memory where additional data
can be programmed into EPROM without disturbing
existing data
• Reduces control, address, data, power and programming signals to a single pin
• Directly connects to a single port pin of a microprocessor and communicates at up to 16.3k bits per second
• Presence detector acknowledges when reader first
applies voltage
• Low cost TO-92 or 8-pin SOIC and TSOC surface
mount packages
• Reads ovover a wide voltage range of 2.8V to 6.0V from
-40°C to +85°C; programs at 11.5V to 12.0V from
-40°C to + 50°C




Similar Part No. - DS2502S-UNW

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2502S-UNW DALLAS-DS2502S-UNW Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
DS2502S-UNW-PPPP DALLAS-DS2502S-UNW-PPPP Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
More results


Similar Description - DS2502S-UNW

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
1 kbit Add-Only Memory
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
64-kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
16-kbit Add-Only Memory
DS2502-UN DALLAS-DS2502-UN Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
1 kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
16-kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com