Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS89161LZ Datasheet (PDF) - ON Semiconductor

FDS89161LZ Datasheet PDF - ON Semiconductor
Part # FDS89161LZ
Download  FDS89161LZ Download
File Size   399.31 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual N-Channel Shielded Gate PowerTrench® MOSFET 100 V, 2.7 A, 105 mΩ

FDS89161LZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS89161LZ Datasheet PDF - ON Semiconductor

Part # FDS89161LZ
Download  FDS89161LZ Click to download

File Size   399.31 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual N-Channel Shielded Gate PowerTrench® MOSFET 100 V, 2.7 A, 105 mΩ

FDS89161LZ Datasheet (HTML) - ON Semiconductor


FDS89161LZ Product details

Features
Shielded Gate MOSFET Technology
Max rDS(on) = 105 mΩ at VGS = 10 V, ID = 2.7 A
Max rDS(on) = 160 mΩ at VGS = 4.5 V, ID = 2.1 A
High performance trench technology for extremely low rDS(on)
High power and current handling capability in a widely used surface mount package
CDM ESD protection level > 2KV typical (Note 4)
100% UIL Tested
RoHS Compliant

General Description
This N-Channel logic Level MOSFETs are produced using Fairchild Semiconductor‘s advanced PowerTrench® process that incorporates Shielded Gate technology. This process has been optimized for the on-state resisitance and yet maintain superior switching performance. G-S zener has been added to enhance ESD voltage level.

Application
DC-DC conversion




Similar Part No. - FDS89161LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
More results


Similar Description - FDS89161LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS89161 FAIRCHILD-FDS89161 Datasheet
266Kb / 6P
Dual N-Channel PowerTrench짰 MOSFET 100 V, 2.7 A, 105 m廓
FDMC86106LZ FAIRCHILD-FDMC86106LZ_13 Datasheet
278Kb / 7P
N-Channel Shielded Gate PowerTrench MOSFET 100 V, 7.5 A, 103 m廓
logo
ON Semiconductor
FDMS4D4N08C ONSEMI-FDMS4D4N08C Datasheet
1Mb / 3P
N-Channel Shielded Gate PowerTrench MOSFET
December, 2016, Rev. 1.0
NTB7D3N15MC ONSEMI-NTB7D3N15MC Datasheet
219Kb / 7P
MOSFET - N-Channel Shielded Gate PowerTrench
December, 2020 ??Rev. 1
NTMFS022N15MC ONSEMI-NTMFS022N15MC Datasheet
284Kb / 9P
MOSFET - N-Channel Shielded Gate PowerTrench
September, 2020 ??Rev. 0
NTTFS010N10MCL ONSEMI-NTTFS010N10MCL Datasheet
395Kb / 8P
MOSFET, N-Channel, Shielded Gate, POWERTRENCH
May, 2019 ??Rev. 0
FDMS3D5N08LC ONSEMI-FDMS3D5N08LC Datasheet
457Kb / 7P
MOSFET, N-Channel Shielded Gate, POWERTRENCH
October, 2018 ??Rev. 0
FDMS86255 ONSEMI-FDMS86255 Datasheet
333Kb / 7P
MOSFET ??N-Channel, Shielded Gate, POWERTRENCH
August, 2021 ??Rev. 0
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
logo
Fairchild Semiconductor
FDMC7200 FAIRCHILD-FDMC7200 Datasheet
417Kb / 11P
Dual N-Channel PowerTrench® MOSFET 30 V, 12 mΩ and 23.5 mΩ
Rev.D1 June 2009
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com