Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD4P40 Datasheet (PDF) - ON Semiconductor

FQD4P40 Datasheet PDF - ON Semiconductor
Part # FQD4P40
Download  FQD4P40 Download
File Size   821.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel QFET® MOSFET -400 V, -2.7 A, 3.1 Ω

FQD4P40 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD4P40 Datasheet PDF - ON Semiconductor

Part # FQD4P40
Download  FQD4P40 Click to download

File Size   821.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel QFET® MOSFET -400 V, -2.7 A, 3.1 Ω

FQD4P40 Datasheet (HTML) - ON Semiconductor


FQD4P40 Product details

Description
These P-Channel enhancement mode power field effect transistors are produced using ON Semiconductor’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for electronic lamp ballast based on complimentary half bridge.

Features
• -2.7 A, -400 V, RDS(on) = 3.1 Ω (Max.) @ VGS = -10 V, ID = -1.35 A
• Low Gate Charge (Typ. 18 nC)
• Low Crss (Typ. 11 pF)
• 100% Avalanche Tested




Similar Part No. - FQD4P40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD4P40 FAIRCHILD-FQD4P40 Datasheet
647Kb / 9P
400V P-Channel MOSFET
FQD4P40 FAIRCHILD-FQD4P40 Datasheet
917Kb / 8P
P-Channel QFET짰 MOSFET -400 V, -2.7 A, 3.1 廓
FQD4P40 FAIRCHILD-FQD4P40 Datasheet
764Kb / 9P
400V P-Channel MOSFET
FQD4P40TF FAIRCHILD-FQD4P40TF Datasheet
764Kb / 9P
400V P-Channel MOSFET
FQD4P40TM FAIRCHILD-FQD4P40TM Datasheet
917Kb / 8P
P-Channel QFET짰 MOSFET -400 V, -2.7 A, 3.1 廓
More results


Similar Description - FQD4P40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQB22P10 FAIRCHILD-FQB22P10_13 Datasheet
861Kb / 9P
P-Channel QFET MOSFET
FQB34P10 FAIRCHILD-FQB34P10_13 Datasheet
526Kb / 9P
P-Channel QFET MOSFET
FQD4P40TM FAIRCHILD-FQD4P40TM Datasheet
917Kb / 8P
P-Channel QFET짰 MOSFET -400 V, -2.7 A, 3.1 廓
FQD5P10TM FAIRCHILD-FQD5P10TM Datasheet
527Kb / 8P
P-Channel QFET MOSFET -100 V, -3.6 A, 1.05?
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
logo
ON Semiconductor
FQA9N90-F109 ONSEMI-FQA9N90-F109 Datasheet
1Mb / 9P
N-Channel QFET® MOSFET 900 V, 8.6 A, 1.3 Ω
September-2017, Rev. 3
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
logo
Fairchild Semiconductor
FQP2N60C FAIRCHILD-FQP2N60C_V01 Datasheet
1Mb / 10P
N-Channel QFET® MOSFET 600 V, 2 A, 4.7 Ω
2003 Fairchild Semiconductor Corporation
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com