Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC081000 Datasheet (PDF) - Texas Instruments

ADC081000 Datasheet PDF - Texas Instruments
Part # ADC081000
Download  ADC081000 Download
File Size   1054.84 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC081000 High Performance, Low Power 8-Bit, 1 GSPS A/D Converter

ADC081000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC081000 Datasheet PDF - Texas Instruments

Part # ADC081000
Download  ADC081000 Click to download

File Size   1054.84 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC081000 High Performance, Low Power 8-Bit, 1 GSPS A/D Converter

ADC081000 Datasheet (HTML) - Texas Instruments


ADC081000 Product details

1FEATURES
2• Internal Sample-and-Hold
• Single +1.9V ±0.1V Operation
• Adjustable Output Levels
• Ensured No Missing Codes
• Low Power Standby Mode

APPLICATIONS
• Direct RF Down Conversion self•
Digital Oscilloscopes
• Satellite Set-top boxes
• Communications Systems
• Test Instrumentation

APPLICATIONS
• Resolution 8 Bits
• Max Conversion Rate 1 GSPS (Min)
• ENOB at 500 MHz Input 7.5 Bits (Typ)
• DNL ±0.25 LSB (Typ)
• Conversion Latency 7 and 8 Clock Cycles
• Power Consumption
– Operating 1.45 W (Typ)
– Power Down Mode 9 mW (Typ)

DESCRIPTION
The ADC081000 is a low power, high performance
CMOS analog-to-digital converter that digitizes
signals to 8 bits resolution at sampling rates up to
1.6 GSPS. Consuming a typical 1.4 Watts at 1 GSPS
from a single 1.9 Volt supply, this device is ensured
to have no missing codes over the full operating temperature range. The unique folding and
interpolating architecture, the fully differential
comparator design, the innovative design of the
internal sample-and-hold amplifier and the self•
calibration scheme enable a very flat response of all
dynamic parameters beyond Nyquist, producing a
high 7.5 ENOB with a 500 MHz input signal and a
1 GHz sample rate while providing a 10-18 B.E.R.
Output formatting is offset binary and the LVDS
digital outputs are compliant with IEEE 1596.3-1996,
with the exception of a reduced common mode voltage of 0.8V.
The converter has a 1:2 demultiplexer that feeds two
LVDS buses, reducing the output data rate on each
bus to half the sampling rate. The data on these
buses are interleaved in time to provide a 500 MHz
output rate per bus and a combined output rate of
1 GSPS.
The converter typically consumes less than 10 mW in
the Power Down Mode and is available in a 128-lead
HLQFP and operates over the industrial (–40°C ≤
TA ≤ +85°C) temperature range.




Similar Part No. - ADC081000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 TI2-ADC081000 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC081000CIYB NSC-ADC081000CIYB Datasheet
718Kb / 29P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Similar Description - ADC081000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com