Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200Q Datasheet (PDF) - Texas Instruments

ADC08B200Q Datasheet PDF - Texas Instruments
Part # ADC08B200Q
Download  ADC08B200Q Download
File Size   1061.83 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer

ADC08B200Q Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08B200Q Datasheet PDF - Texas Instruments

Part # ADC08B200Q
Download  ADC08B200Q Click to download

File Size   1061.83 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer

ADC08B200Q Datasheet (HTML) - Texas Instruments


ADC08B200Q Product details

1FEATURES
2• Single-Ended Input
• Selectable Capture Buffer Size
• PLL for Clock Multiplication
• Reference Ladder Top and Bottom Accessible
• Linear Power Scaling with Sample Rate
• FPGA Training Pattern
• AEC-Q100 Grade 2 Qualified
• Power-Down Feature

APPLICATIONS
• Laser Ranging
• RADAR
• Pulse Capturing

KEY SPECIFICATIONS
(PLL Bypassed)
• Resolution 8 Bits
• Maximum Sampling Frequency 200 MSPS
(min)
• DNL ±0.4 LSB (typ)
• ENOB (fIN= 49 MHz) 7.2 bits (typ)
• THD (f IN= 49 MHz) −53 dBc (typ)
• Power Consumption
– Operating (50 MHz) Input 2 mW / Msps (typ)
– Power Down 2.15 mW (typ)

DESCRIPTION
The ADC08B200 is a high speed analog-to-digital
converter (ADC) with an integrated capture buffer.
The 8-bit, 200 MSPS A/D core is based upon the
proven ADC08200 with integrated track-and-hold and
is optimized for low power consumption. This device
contains a selectable size capture buffer of up to 1,024 bytes that allows fast capture of an input signal
with a slower readout rate. An on-chip clock PLL
circuit provides the option of on-chip clock rate
multiplication to provide the high speed sampling
clock.
The ADC08B200 is resistant to latch-up and the
outputs are short-circuit proof. The top and bottom of the ADC08B200's reference ladder are available for
connections, enabling a wide range of input
possibilities. The digital outputs are TTL/CMOS
compatible with a separate output power supply pin
to support interfacing with 2.7V to 3.3V logic. The
digital inputs and outputs are low voltage TTL/CMOS
compatible and the output data format is straight
binary.
The ADC08B200Q runs on an Automotive Grade
Flow and is AEC-Q100 Grade 2 Qualified.
The ADC08B200 is offered in a 48-pin plastic
package (TQFP) and is specified over the extended
industrial temperature range of −40°C to +105°C. An
evaluation board is available to assist in the easy
evaluation of the ADC08B200.




Similar Part No. - ADC08B200Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08B200Q NSC-ADC08B200Q Datasheet
657Kb / 32P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200QCIVS NSC-ADC08B200QCIVS Datasheet
657Kb / 32P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Texas Instruments
ADC08B200QCIVS/NOPB TI1-ADC08B200QCIVS/NOPB Datasheet
828Kb / 39P
200 MSPS A/D Converter with Capture Buffer
More results


Similar Description - ADC08B200Q

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV.0
AD9054A AD-AD9054A Datasheet
332Kb / 19P
8-Bit, 200 MSPS A/D Converter
REV.B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV.A
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Analog Devices
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
ADC08B200 TI1-ADC08B200 Datasheet
828Kb / 39P
200 MSPS A/D Converter with Capture Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com