Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12040 Datasheet (PDF) - Texas Instruments

ADC12040 Datasheet PDF - Texas Instruments
Part # ADC12040
Download  ADC12040 Download
File Size   1051.83 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12040 12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold

ADC12040 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12040 Datasheet PDF - Texas Instruments

Part # ADC12040
Download  ADC12040 Click to download

File Size   1051.83 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12040 12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold

ADC12040 Datasheet (HTML) - Texas Instruments


ADC12040 Product details

1FEATURES
2• Single +5V Supply Operation
• Internal Sample-and-Hold
• Outputs 2.35V to 5V Compatible
• Pin Compatible with ADC12010, ADC12020,
ADC12L063, ADC12L066
• Power Down Mode
• On-Chip Reference Buffer

APPLICATIONS
• Ultrasound and Imaging
• Instrumentation
• Cellular Base Stations/Communications
Receivers
• Sonar/Radar
• xDSL
• Wireless Local Loops/Cable Modems
• HDTV/DTV
• DSP Front Ends

KEY SPECIFICATIONS
• Supply Voltage: +5V ±5%
• DNL: ±0.4 LSB (typ)
• SNR (fIN = 10MHz): 69 dB (typ)
• ENOB (fIN = 10MHz): 11.2 bits (typ)
• Power Consumption, 40 MHz: 340 mW (typ)

DESCRIPTION
The ADC12040 is a monolithic CMOS analog-to-
digital converter capable of converting analog input
signals into 12-bit digital words at 40 Megasamples
per second (MSPS), minimum. This converter uses a
differential, pipeline architecture with digital error
correction and an on-chip sample-and-hold circuit to
minimize die size and power consumption while
providing excellent dynamic performance. Operating
on a single 5V power supply, this device consumes
just 340 mW at 40 MSPS, including the reference
current. The Power Down feature reduces power
consumption to 40 mW.
The differential inputs provide a full scale differential
input swing equal to 2VREF with the possibility of a
single-ended input, although full use of the differential
input is required for optimum performance. For ease
of use, the buffered, high impedance, single-ended
reference input is converted on-chip to a differential
reference for use by the processing circuitry. Output
data format is 12-bit offset binary.
This device is available in the 32-lead LQFP package
and will operate over the industrial temperature range
of −40°C to +85°C.




Similar Part No. - ADC12040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
884Kb / 19P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 30P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Similar Description - ADC12040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040_14 Datasheet
1Mb / 30P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com