Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26LV31CD Datasheet (PDF) - Texas Instruments

AM26LV31CD Datasheet PDF - Texas Instruments
Part # AM26LV31CD
Download  AM26LV31CD Download
File Size   1004.96 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM26LV31 Low-Voltage High-Speed Quadruple Differential Line Drivers

AM26LV31CD Datasheet (PDF)

Go To PDF Page Download Datasheet
AM26LV31CD Datasheet PDF - Texas Instruments

Part # AM26LV31CD
Download  AM26LV31CD Click to download

File Size   1004.96 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM26LV31 Low-Voltage High-Speed Quadruple Differential Line Drivers

AM26LV31CD Datasheet (HTML) - Texas Instruments


AM26LV31CD Product details

1 Features
• Switching rates up to 32MHz
• Operate from a single 3.3V supply
• Propagation delay time: 8ns typical
• Pulse skew time: 500ps typical
• High output-drive current: ±30 mA
• Controlled rise and fall times: 3ns typical
• Differential output voltage with 100Ω
load: 1.5V typical
• Ultra-low power dissipation
– DC, 0.3mW maximum
– 32MHz All channels (no load), 385mW typical
• Accept 5V logic inputs with 3.3V supply
• Low-voltage pin-to-pin compatible replacement for
AM26C31, AM26LS31, MB571
• High output impedance in power-off condition
• Driver output short-protection circuit
• Package options include plastic small-outline (D,
NS) packages

2 Applications
• Motor control: brushless DC and brushed DC
• Field transmitters: temperature sensors and
pressure sensors
• Temperature sensors or controllers using Modbus

3 Description
The AM26LV31C and AM26LV31I are BiCMOS
quadruple differential line drivers with 3-state outputs.
They are designed to be similar to TIA/EIA-422-B
and ITU Recommendation V.11 drivers with reduced
supply-voltage range.
The devices are optimized for balanced-bus
transmission at switching rates up to 32MHz. The
outputs have very high current capability for driving
balanced lines such as twisted-pair transmission lines
and provide a high impedance in the power-off
condition. The enable function is common to all four
drivers and offers the choice of active-high or activelow
enable inputs. The AM26LV31C and AM26LV31I
are designed using Texas Instruments proprietary
LinIMPACT-C60™ technology, facilitating ultra-low
power consumption without sacrificing speed. These
devices offer optimum performance when used with
the AM26LV32 quadruple line receivers.
The AM26LV31C is characterized for operation from
0°C to 70°C. The AM26LV31I is characterized for
operation from –45°C to 85°.C




Similar Part No. - AM26LV31CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV31CD TI-AM26LV31CD Datasheet
247Kb / 12P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31CD TI-AM26LV31CD Datasheet
393Kb / 14P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31CD TI-AM26LV31CD Datasheet
500Kb / 15P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31CDE4 TI-AM26LV31CDE4 Datasheet
393Kb / 14P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31CDE4 TI-AM26LV31CDE4 Datasheet
500Kb / 15P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results


Similar Description - AM26LV31CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31C TI-AM26LV31C_07 Datasheet
393Kb / 14P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com