Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24013DRCRG4 Datasheet (PDF) - Texas Instruments

BQ24013DRCRG4 Datasheet PDF - Texas Instruments
Part # BQ24013DRCRG4
Download  BQ24013DRCRG4 Download
File Size   1018.85 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Chip, Li-Ion Charge Management IC for Handheld Applications ( bqTINY™)

BQ24013DRCRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24013DRCRG4 Datasheet PDF - Texas Instruments

Part # BQ24013DRCRG4
Download  BQ24013DRCRG4 Click to download

File Size   1018.85 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Chip, Li-Ion Charge Management IC for Handheld Applications ( bqTINY™)

BQ24013DRCRG4 Datasheet (HTML) - Texas Instruments


BQ24013DRCRG4 Product details

1FEATURES
2• Small 3-mm × 3-mm MLP (QFN) Package
• Ideal for Low-Dropout Designs for Single-Cell
Li-Ion or Li-Pol Packs in Space Limited
Applications
• Integrated Power FET and Current Sensor for
Up to 1-A Charge Applications
• Reverse Leakage Protection Prevents Battery
Drainage
• Integrated Current and Voltage Regulation
• ±0.5% Voltage Regulation Accuracy
• Charge Termination by Minimum Current and
Time
• Pre-Charge Conditioning With Safety Timer
• Status Outputs for LED or System Interface
Indicates Charge and Fault Conditions
• Battery Insertion and Removal Detection
• Works With Regulated and Unregulated
Supplies
• Short-Circuit Protection
• Charge Voltage Options: 4.2 V and 4.36 V

APPLICATIONS
• Cellular Phones
• PDAs
• MP3 Players
• Digital Cameras
• Internet Appliances

DESCRIPTION
The bqTINY™ series are highly integrated Li-Ion and
Li-Pol linear charge management devices targeted at space limited portable applications. The bqTINY™
series offer integrated powerFET and current sensor,
reverse blocking protection, high accuracy current
and voltage regulation, charge status, and charge
termination, in a small package.
The bqTINY™ charges the battery in three phases:
conditioning, constant current, and constant voltage.
Charge is terminated based on minimum current. An internal charge timer provides a backup safety feature
for charge termination. The bqTINY™ automatically
restarts the charge if the battery voltage falls below
an internal threshold. The bqTINY™ automatically
enters sleep mode when VCC supply is removed.
In addition to the standard features, different versions
of the bqTINY™ offer a multitude of additional features. These include temperature sensing input for
detecting hot or cold battery packs; power good (PG)
output indicating the presence of valid input power; a
TTL-level charge-enable input (CE) used to disable or
enable the charge process; and a TTL-level timer and termination enable (TTE) input used to disable or
enable the fast-charge timer and charge termination.




Similar Part No. - BQ24013DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24013DRCRG4 TI-BQ24013DRCRG4 Datasheet
289Kb / 21P
SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24013DRCRG4 TI-BQ24013DRCRG4 Datasheet
636Kb / 25P
SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24013DRCRG4 TI1-BQ24013DRCRG4 Datasheet
977Kb / 24P
Single-Chip, Li-Ion Charge Management IC
More results


Similar Description - BQ24013DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24013 TI-BQ24013 Datasheet
289Kb / 21P
SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
Single-Chip, Li-Ion Charge Management IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com