Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ51221YFPR Datasheet (PDF) - Texas Instruments

BQ51221YFPR Datasheet PDF - Texas Instruments
Part # BQ51221YFPR
Download  BQ51221YFPR Download
File Size   1031.97 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq51221 Dual Mode 5-W (WPC and PMA) Single Chip Wireless Power Receiver

BQ51221YFPR Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ51221YFPR Datasheet PDF - Texas Instruments

Part # BQ51221YFPR
Download  BQ51221YFPR Click to download

File Size   1031.97 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq51221 Dual Mode 5-W (WPC and PMA) Single Chip Wireless Power Receiver

BQ51221YFPR Datasheet (HTML) - Texas Instruments


BQ51221YFPR Product details

1 Features
1• Robust 5-W Solution With 50% Lower Losses for
Improved Thermals
– Inductorless Receiver for Lowest Height Profile
Solution
– Adjustable Output Voltage (4.5 to 8 V) for Coil
and Thermal Optimization
– Fully Synchronous Rectifier With 96%
Efficiency
– 97% Efficient Post Regulator
– 79% System Efficiency at 5 W primary•
WPC v1.1 and PMA Compliant Communication
• Patented Transmitter Pad Detect Function
Improves User Experience
• I2C Communication with Host

2 Applications
• Smart Phones, Tablets, and Headsets
• Wi-Fi Hotspots
• Power Banks
• Other Handheld Devices

3 Description
The bq51221 device is a fully contained wireless
power receiver capable of operating in both the WPC
and PMA protocols which allows a wireless power
system to work with both WPC and PMA inductive
charging standards. The bq51221 device provides a
single device power conversion (rectification and
regulation) as well as the digital control and
communication for both standards. It also has
autonomous detection of protocol and requires no additional active devices. The bq51221 device
complies with the WPC v1.1 and PMA communication
protocol. Together with the WPC or a PMA primary•
side controller, the bq51221 device enables a complete wireless power transfer system for a
wireless power supply solution. The receiver allows
for synchronous rectification, regulation and control
and communication to all exist in a market-leading
form factor, efficiency, and solution size.




Similar Part No. - BQ51221YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51221YFPR TI1-BQ51221YFPR Datasheet
1Mb / 49P
Single Chip Wireless Power Receiver
More results


Similar Description - BQ51221YFPR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
Wireless Power Receiver Compliant with WPC
logo
Texas Instruments
BQ51221 TI1-BQ51221 Datasheet
1Mb / 49P
Single Chip Wireless Power Receiver
BQ51222 TI1-BQ51222 Datasheet
215Kb / 8P
Single Chip Wireless Power Receiver
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9028AC IDT-P9028AC Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
MAX77950EVKIT MAXIM-MAX77950EVKIT Datasheet
3Mb / 16P
Wireless power transmitter with WPC/PMA compliance
319-100007; Rev 0; 3/17
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Renesas Technology Corp
P9028AC RENESAS-P9028AC Datasheet
2Mb / 39P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
Mar 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com