Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ77910A Datasheet (PDF) - Texas Instruments

BQ77910A Datasheet PDF - Texas Instruments
Part # BQ77910A
Download  BQ77910A Download
File Size   1076.28 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq77910A Multi-Cell Lithium-Ion/Polymer Precision Protector

BQ77910A Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ77910A Datasheet PDF - Texas Instruments

Part # BQ77910A
Download  BQ77910A Click to download

File Size   1076.28 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq77910A Multi-Cell Lithium-Ion/Polymer Precision Protector

BQ77910A Datasheet (HTML) - Texas Instruments


BQ77910A Product details

1 Features
• 4-, 5-, 6-, 7-, 8-, 9-, or 10-Series Cell Protection
• Individual Cell-Voltage Monitoring
• Low-Side NMOS FET Drive for Charge and
Discharge Control
• Compatible With 1-mΩ Current-Sense Resistor
• Supply-Voltage Range From 5.6 V to 50 V
• Integrated 3.3-V Micro-Power LDO Regulator
• Low Supply Current
– Normal Mode: 50 μA, Typical
– Shutdown Mode, LDO OFF: 3 μA, Typical
• 38-Pin TSSOP Package
• Internal 50-mA Automatic Cell Balancing

2 Applications
• Cordless Power Tools
• Cordless Lawn Equipment
• Electric Bikes
• UPS
• Light Electric Vehicles (LEV)

3 Description
The bq77910A is a battery protection and cell balancing device intended for Li-Ion and Li-Polymer battery packs.
The bq77910A monitors 4- to 10-series individual cell voltages and provides fast-acting outputs that may be used
to drive N-channel MOSFETs to interrupt the power path. Activation delays and recovery methods for safety
conditions are fully programmable in non-volatile memory.
Automatic cell balancing is provided using internal 50-mA cell circuits. A robust balancing algorithm ensures
optimum performance by maintaining all cell voltages in balance. Balancing may be configured to operate at all
times, only during charge, or can be disabled completely.




Similar Part No. - BQ77910A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
941Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBTR TI1-BQ77910ADBTR Datasheet
856Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBTR TI1-BQ77910ADBTR Datasheet
941Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
More results


Similar Description - BQ77910A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77910 TI1-BQ77910 Datasheet
843Kb / 56P
Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77908 TI1-BQ77908 Datasheet
870Kb / 56P
Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
Multi-Cell Lithium-Ion/Polymer Precision Protector
logo
HYCON Technology Corpor...
HY2110 HYCON-HY2110 Datasheet
709Kb / 19P
1-Cell Lithium-ion/Lithium Polymer
HY2111 HYCON-HY2111 Datasheet
665Kb / 20P
1-Cell Lithium-ion/Lithium Polymer
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
2-Cell Lithium-ion/Lithium Polymer
logo
Neotec Semiconductor Lt...
NT1727A NEOTEC-NT1727A Datasheet
323Kb / 4P
2-Cell Lithium-lon/Polymer Protector
V1.01
NT1728A NEOTEC-NT1728A Datasheet
340Kb / 4P
3-Cell Lithium-lon/Polymer Protector
V1.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com