Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40103BF Datasheet (PDF) - Texas Instruments

CD40103BF Datasheet PDF - Texas Instruments
Part # CD40103BF
Download  CD40103BF Download
File Size   1009.08 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Stage Presettable Synchronous Down Counters

CD40103BF Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40103BF Datasheet PDF - Texas Instruments

Part # CD40103BF
Download  CD40103BF Click to download

File Size   1009.08 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Stage Presettable Synchronous Down Counters

CD40103BF Datasheet (HTML) - Texas Instruments


CD40103BF Product details

Features: .
Synchronous or asynchronous preset
. Medium-speed operation: fc =
3.6 MHz {typ.) @ Vpp = 10 V
Cascadable
100% tested for quiescent current at 20 V
Maximum input current of 1 uA at 18-V
over full package-temperature range; 100
nA at 18 V and 25°C
Noise margin (full package-temperature
range) = 1VatVpp=5V
2VatVpp=10V
25VatVpp=15V
Standardized, symmetrical output
characteristics
5V, 10-V, and 15-V parametric ratings
Meets all requirements of JEDEC Tentative
Standard No. 13B, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD40103BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40103BF TI-CD40103BF Datasheet
572Kb / 14P
CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40103BF TI1-CD40103BF Datasheet
1Mb / 17P
CMOS 8-stage Presettable Synchronous Down Counters
CD40103BF3A TI-CD40103BF3A Datasheet
572Kb / 14P
CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40103BF3A TI1-CD40103BF3A Datasheet
1Mb / 17P
CMOS 8-stage Presettable Synchronous Down Counters
More results


Similar Description - CD40103BF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Jun-1989
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
Texas Instruments
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
662Kb / 16P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
Sep-2001
HCF40103B STMICROELECTRONICS-HCF40103B_02 Datasheet
830Kb / 14P
8-STAGE PRESETTABLE SYNCHRONOUS 8 BIT BINARY DOWN COUNTERS
Sep-2002
logo
Texas Instruments
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
CMOS 8-stage Presettable Synchronous Down Counters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com