Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W04M Datasheet (PDF) - DAESAN ELECTRONIC CORP.

W04M Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # W04M
Download  W04M Download
File Size   206.54 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts

W04M Datasheet (PDF)

Go To PDF Page Download Datasheet
W04M Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # W04M
Download  W04M Click to download

File Size   206.54 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts

W04M Datasheet (HTML) - DAESAN ELECTRONIC CORP.


W04M Product details

Features
• Glass Passivated Die Construction
• Diffused Junction
• Low Forward Voltage Drop, High Current Capability
• Surge Overload Rating to 50A Peak
• Ideal for Printed Circuit Boards
• Case to Terminal Isolation Voltage 1500V
• Plastic Material - UL Flammability Classification Rating 94V-0




Similar Part No. - W04M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
W04M WTE-W04M Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
Rectron Semiconductor
W04M RECTRON-W04M Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
W04M JGD-W04M Datasheet
125Kb / 2P
SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
W04M SEMTECH-W04M Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Shanghai Sunrise Electr...
W04M SSE-W04M Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - W04M

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KB151 DAESAN-KB151 Datasheet
225Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
WILLAS ELECTRONIC CORP
RB15 WILLAS-RB15 Datasheet
275Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
logo
DAESAN ELECTRONIC CORP.
1N53 DAESAN-1N53 Datasheet
316Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
FR151 PACELEADER-FR151 Datasheet
609Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com