Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4435M8VR Datasheet (PDF) - AiT Semiconductor Inc.

AM4435M8VR Datasheet PDF - AiT Semiconductor Inc.
Part # AM4435M8VR
Download  AM4435M8VR Download
File Size   331.5 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description -30V P-CHANNEL ENHANCEMENT MODE

AM4435M8VR Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4435M8VR Datasheet PDF - AiT Semiconductor Inc.

Part # AM4435M8VR
Download  AM4435M8VR Click to download

File Size   331.5 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description -30V P-CHANNEL ENHANCEMENT MODE

AM4435M8VR Datasheet (HTML) - AiT Semiconductor Inc.


AM4435M8VR Product details

DESCRIPTION FEATURES
The AM4435 is the P-Channel logic enhancement
mode power field effect transistor is produced
using high cell density. Advanced trench
technology to provide excellent RDS(ON).
These devices are particularly suited for low
voltage application such as cellular phone and
notebook computer power management and other
batter powered circuits where high-side switching.
The AM4435 is available in SOP8 Package

FEATURES
 -30V/-8.0A, RDS(ON)=16mΩ(typ)@VGS =-10V
 -30V/-5.0A, RDS(ON)=26mΩ(typ)@VGS =-4.5V
 Super high density cell design for extremely low
RDS(ON)
 Exceptional on-resistance and maximum DC
current capability
 Full RoHS compliance
 Available in SOP8 Package

APPLICATION
 Inverter
 Synchronous Buck
 Power Management in Note book
 Portable Equipment
 Battery Powered System
 DC/DC Converter
 Load Switch
 DSC
 LCD Display inverter




Similar Part No. - AM4435M8VR

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AM4435M8VR VBSEMI-AM4435M8VR Datasheet
1,002Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM4435M8VR AITSEMI-AM4435M8VR Datasheet
664Kb / 9P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results


Similar Description - AM4435M8VR

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
AiT Semiconductor Inc.
AM4407 AITSEMI-AM4407 Datasheet
481Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.0
AM9435 AITSEMI-AM9435 Datasheet
492Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.1
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com