Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47163 Datasheet (PDF) - Myrra

47163 Datasheet PDF - Myrra
Part # 47163
Download  47163 Download
File Size   163.29 Kbytes
Page   5 Pages
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra
Description ELECTRONIC TRANSFORMERS

47163 Datasheet (PDF)

Go To PDF Page Download Datasheet
47163 Datasheet PDF - Myrra

Part # 47163
Download  47163 Click to download

File Size   163.29 Kbytes
Page   5 Pages
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra
Description ELECTRONIC TRANSFORMERS

47163 Datasheet (HTML) - Myrra


47163 Product details

The applications for the Electronic serie are:
o Alternative to the linear transformers in all AC/DC applications of power up to than 5W
o Alternative to DC/DC converters for application in D.C.current (Telecom supplies, electric substations etc.)
o Industrial, domestic and consumer electronics applications
o Standby devices and others DC or AC auxiliary supplies

MAIN FEATURES
o Wide input voltage range
o Increased power. 3 x compared to standard EI30 transformer
o Better energetic efficiency: 70% typical compared to 40% for the conventional supply
o Very low Standby Power consumption: meets requirements of Energy Star or EC Code of Conduct
o Same footprint as EI30 transformer : Upgrade your application without redesign of PCB




Similar Part No. - 47163

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4716 ETC2-4716 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Diotec Semiconductor
4716 DIOTEC-4716 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Keystone Electronics Co...
4716 KEYSTONE-4716 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
4716 HEYCO-4716 Datasheet
108Kb / 1P
Shorty Snap Rivets
logo
Filtran LTD
4716-05 FILTRAN-4716-05 Datasheet
82Kb / 1P
Power Transformers International
More results


Similar Description - 47163

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
MJE13005 WINGS-MJE13005 Datasheet
36Kb / 1P
NPN SILICON TRANSISTOR(ELECTRONIC TRANSFORMERS , POWER SWICHING CIRCUIT)
MJE13005B WINGS-MJE13005B Datasheet
67Kb / 1P
NPN SILICON TRANSISTOR(ELECTRONIC TRANSFORMERS , POWER SWICHING CIRCUIT)
MJE13007 WINGS-MJE13007 Datasheet
87Kb / 1P
NPN SILICON TRANSISTOR(ELECTRONIC TRANSFORMERS , POWER SWICHING CIRCUIT)
logo
Gunter Seniconductor Gm...
TFA3352 GSG-TFA3352 Datasheet
161Kb / 15P
Control- and Monitoring-IC for Electronic Transformers operating Low-Voltage Halogen Lamps
logo
XFMRS Inc.
XF0013W4B XFMRS-XF0013W4B_15 Datasheet
50Kb / 1P
TRANSFORMERS
XF0033AT-00S XFMRS-XF0033AT-00S_15 Datasheet
74Kb / 1P
TRANSFORMERS
XF0013W16 XFMRS-XF0013W16_15 Datasheet
48Kb / 1P
TRANSFORMERS
XF00123D1 XFMRS-XF00123D1_15 Datasheet
75Kb / 1P
TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S_15 Datasheet
52Kb / 1P
TRANSFORMERS
XF01962-20 XFMRS-XF01962-20_15 Datasheet
42Kb / 1P
TRANSFORMERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com