Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R16DS0304EU0102 Datasheet (PDF) - Renesas Technology Corp

R16DS0304EU0102 Datasheet PDF - Renesas Technology Corp
Part # R16DS0304EU0102
Download  R16DS0304EU0102 Download
File Size   3038.1 Kbytes
Page   104 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15V, 20A Single Channel Digital PMBus Step-Down Power Module

R16DS0304EU0102 Datasheet (PDF)

Go To PDF Page Download Datasheet
R16DS0304EU0102 Datasheet PDF - Renesas Technology Corp

Part # R16DS0304EU0102
Download  R16DS0304EU0102 Click to download

File Size   3038.1 Kbytes
Page   104 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15V, 20A Single Channel Digital PMBus Step-Down Power Module

R16DS0304EU0102 Datasheet (HTML) - Renesas Technology Corp


R16DS0304EU0102 Product details

Features
▪ Complete digital power supply
▪ 20A single channel output current
• 4.75V to 15V single rail input voltage
• Up to 94% efficiency
▪ Programmable output voltage
• 0.45V to 3.3V output voltage settings
• ±0.7% accuracy over line, load, and temperature
▪ Advanced linear digital modulation scheme
• Up to 1.25MHz fixed switching frequency
operations
• Dual edge modulation with optional diode
braking for faster transient response
• Excellent VOUT transition performance.
▪ PMBus V1.3 compatible
• Fully programmable through PMBus
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)
• Real-time telemetry for VIN, VOUT, IOUT,
temperature, duty cycle, and fSW.
▪ Advanced soft-start/stop, sequencing, and
margining
▪ Complete customizable over/under voltage,
current, and temperature protections
▪ Black Box status recording with first fault indicator
▪ 10mm×13mm×5.9mm BGA(POP) package




Similar Part No. - R16DS0304EU0102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R16DS0349EU0100 RENESAS-R16DS0349EU0100 Datasheet
5Mb / 36P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO
Jun 4, 2024
R16DS0352EU0100 RENESAS-R16DS0352EU0100 Datasheet
514Kb / 13P
150mA 20V Wide Input Voltage Range LDO Linear Regulator with 3.3V Fixed Output
Jun 9, 2023
More results


Similar Description - R16DS0304EU0102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8273MAIRZ INTERSIL-ISL8273MAIRZ Datasheet
1Mb / 54P
80A Single Channel Digital PMBus Step-Down Power Module
March 16, 2016
logo
Exar Corporation
XR79120 EXAR-XR79120 Datasheet
2Mb / 19P
22V, 20A Synchronous Step Down COT Power Module
logo
Intersil Corporation
ISL8240M INTERSIL-ISL8240M Datasheet
1Mb / 31P
Dual 20A/Single 40A Step-Down Power Module
January 7, 2015
logo
Monolithic Power System...
MPM3686 MPS-MPM3686 Datasheet
2Mb / 19P
18V 20A Step-Down Power Module in 12x15x4mm QFN
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
26A Step-Down 關Module Regulator with PMBus Power System Management
logo
Renesas Technology Corp
ISL8273M RENESAS-ISL8273M Datasheet
2Mb / 59P
80A Single Channel Digital PMBus Step-Down Power Module
ISL8240M RENESAS-ISL8240M Datasheet
1Mb / 31P
Dual 20A/Single 40A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
30A/30A Dual-Channel Digital PMBus Step-Down Power Module
logo
Monolithic Power System...
EVM3686-RU-00A MPS-EVM3686-RU-00A Datasheet
448Kb / 7P
18V 20A Step-Down Power Module Evaluation Board
logo
Renesas Technology Corp
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com