Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13643GRY Datasheet (PDF) - Multicomp Pro

13643GRY Datasheet PDF - Multicomp Pro
Part # 13643GRY
Download  13643GRY Download
File Size   148.94 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Flexible, Halogen Free Polyolefin Heat Shrink Tubing

13643GRY Datasheet (PDF)

Go To PDF Page Download Datasheet
13643GRY Datasheet PDF - Multicomp Pro

Part # 13643GRY
Download  13643GRY Click to download

File Size   148.94 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Flexible, Halogen Free Polyolefin Heat Shrink Tubing

13643GRY Datasheet (HTML) - Multicomp Pro


13643GRY Product details

Features
• Halogen Free
• Operating temperature : -55°C to +125°C
• Min. shrink temperature : 70°C
• Full recovery temperature : +125°C
• Shrink ratio 2:1
• Standard Colour : Grey
• Meets Sony-SS-00259

Applications
The heat shrink tubing is manufactured with modified radiation cross-linked polyolefin. The specially designed halogen free formulation makes the tubing very flexible and shrinks at lower temperature. Suitable for applications where temperature sensitive components protection, e.g. PVC jacketed wire and cable and quick shrinkage is required. It has good mechanical and electrical performances.




Similar Part No. - 13643GRY

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
13643GRY MULTICOMP-13643GRY Datasheet
211Kb / 3P
Normal Wall Tubing (2X) Flexible, Halogen Free, Polyolefin, Heat Shrink
23/09/22 V1.0
More results


Similar Description - 13643GRY

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
logo
3M Electronics
SFTW-203 3M-SFTW-203 Datasheet
13Kb / 2P
Tubing Very Flexible Polyolefin
Mar-1997
logo
Qualtek Electronics Cor...
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com