Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC122S085 Datasheet (PDF) - Texas Instruments

DAC122S085 Datasheet PDF - Texas Instruments
Part # DAC122S085
Download  DAC122S085 Download
File Size   1028.24 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output

DAC122S085 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC122S085 Datasheet PDF - Texas Instruments

Part # DAC122S085
Download  DAC122S085 Click to download

File Size   1028.24 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output

DAC122S085 Datasheet (HTML) - Texas Instruments


DAC122S085 Product details

1FEATURES
23• Ensured Monotonicity
• Low Power Operation
• Rail-to-Rail Voltage Output
• Power-on Reset to 0V
• Simultaneous Output Updating
• Wide power supply range (+2.7V to +5.5V) to•
Industry's Smallest Package
• Power Down Modes

APPLICATIONS
• Battery-Powered Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage & Current Sources
• Programmable Attenuators

KEY SPECIFICATIONS
• Resolution: 12 Bits
• INL: ±8 LSB (Max)
• DNL: +0.7 / -0.5
• Settling Time 8.5 μs (Max)
• Zero Code Error: +15 mV (Max)
• Full-Scale Error: -0.75 %FS (Max)
• Supply Power
– Normal: 0.6 mW (3V) / 1.6 mW (5V) (Typ)
– Power Down: 0.3 μW (3V) / 0.8 μW (5V)
(Typ)

DESCRIPTION
The DAC122S085 is a full-featured, general purpose
DUAL 12-bit voltage-output digital-to-analog converter
(DAC) that can operate from a single +2.7V to 5.5V
supply and consumes 0.6 mW at 3V and 1.6 mW at
5V. The DAC122S085 is packaged in 10-lead SON
and VSSOP packages. The 10-lead SON package makes the DAC122S085 the smallest DUAL DAC in
its class. The on-chip output amplifier allows rail-to•
rail output swing and the three wire serial interface
operates at clock rates up to 40 MHz over the entire
supply voltage range. Competitive devices are limited
to 25 MHz clock rates at supply voltages in the 2.7V to 3.6V range. The serial interface is compatible with
standard SPI™, QSPI, MICROWIRE and DSP
interfaces.
The reference for the DAC122S085 serves all four
channels and can vary in voltage between 1V and VA,
providing the widest possible output dynamic range.
The DAC122S085 has a 16-bit input shift register that
controls the outputs to be updated, the mode of
operation, the powerdown condition, and the binary
input data. Both outputs can be updated
simultaneously or individually depending on the
setting of the two mode of operation bits.
A power-on reset circuit ensures that the DAC output
powers up to zero volts and remains there until there
is a valid write to the device. A power-down feature
reduces power consumption to less than a microWatt
with three different termination options.
The low power consumption and small packages of the DAC122S085 make it an excellent choice for use
in battery operated equipment.
The DAC122S085 is one of a family of pin compatible
DACs, including the 8-bit DAC082S085 and the 10-bit
DAC102S085. The DAC122S085 operates over the
extended industrial temperature range of −40°C to
+105°C.




Similar Part No. - DAC122S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085CIMM NSC-DAC122S085CIMM Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085CIMM TI1-DAC122S085CIMM Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085CIMM/NOPB TI1-DAC122S085CIMM/NOPB Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Similar Description - DAC122S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com