Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP9000X Datasheet (PDF) - Texas Instruments

DLP9000X Datasheet PDF - Texas Instruments
Part # DLP9000X
Download  DLP9000X Download
File Size   1028.4 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP9000 Family of 0.9 WQXGA Type A DMDs

DLP9000X Datasheet (PDF)

Go To PDF Page Download Datasheet
DLP9000X Datasheet PDF - Texas Instruments

Part # DLP9000X
Download  DLP9000X Click to download

File Size   1028.4 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP9000 Family of 0.9 WQXGA Type A DMDs

DLP9000X Datasheet (HTML) - Texas Instruments


DLP9000X Product details

1 Features
1• High Resolution 2560×1600 (WQXGA) Array
– > 4 Million Micromirrors
– 7.56-μm Micromirror Pitch
– 0.9-Inch Micromirror Array Diagonal
– ±12° Micromirror Tilt Angle (Relative to Flat
State)
– Designed for Corner Illumination
– Integrated Micromirror Driver Circuitry
– Two High Speed Options
• DLP9000X With a Single DLPC910 Digital
Controller
– 480 MHz Input Data Clock Rate
– Up to 61 Giga-Bits Per Second (with
Continuous Streaming Input Data)
– Up to 14989 Hz (1-Bit Binary Patterns)
– Up to 1873 Hz (8-Bit Gray Patterns With
Illumination Modulation)
• DLP9000 with Dual DLPC900 Digital Controllers
– 400 MHz Input Data Clock Rate
– Up to 38 Giga-Bits per Second (With Up to 400
Pre-Stored Binary Patterns)
– Up to 9523 Hz (1-Bit Binary Patterns)
– Up to 1031 Hz (8-Bit Gray Patterns Pre-
Loaded With Illumination Modulation), External
Input Up to 360 Hz
• Designed for Use With Broad Wavelength Range
– 400 nm to 700 nm
– Window Transmission 95% (Single Pass,
Through Two Window Surfaces)
– Micromirror Reflectivity 88%
– Array Diffraction Efficiency 86%
– Array Fill Factor 92%

2 Applications
• Industrial
– Machine Vision and Quality Control
– 3D Printing
– Direct Imaging Lithography
– Laser Marking and Repair
• Medical
– Ophthalmology
– 3D Scanners for Limb and Skin Measurement
– Hyper-Spectral Imaging
– Hyper-Spectral Scanning
• Displays
– 3D Imaging Microscopes
– Intelligent and Adaptive Lighting

3 Description
Featuring over 4 million micromirrors, the high
resolution DLP9000 and DLP9000X digital
micromirror devices (DMDs) are spatial light
modulators (SLMs) that modulate the amplitude,
direction, and/or phase of incoming light. This
advanced light control technology has numerous
applications in the industrial, medical, and consumer
markets. The streaming nature of the DLP9000X and
its DLPC910 controller enable very high speed
continuous data streaming for lithographic
applications. Both DMDs enable large build sizes and
fine resolution for 3D printing applications. The high
resolution provides the direct benefit of scanning
larger objects for 3D machine vision applications.




Similar Part No. - DLP9000X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9000X TI1-DLP9000X Datasheet
932Kb / 56P
Family of 0.9 WQXGA Type A DMDs
DLP9000X TI1-DLP9000X Datasheet
948Kb / 59P
Family of 0.9 WQXGA Type A DMDs
DLP9000XBFLS TI1-DLP9000XBFLS Datasheet
948Kb / 59P
Family of 0.9 WQXGA Type A DMDs
DLP9000XFLS TI1-DLP9000XFLS Datasheet
932Kb / 56P
ype A DMDs
DLP9000XFLS TI1-DLP9000XFLS Datasheet
932Kb / 56P
Family of 0.9 WQXGA Type A DMDs
More results


Similar Description - DLP9000X

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
MX family of microprocessors
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
a member of the M68HC05 family of HCMOS
logo
NXP Semiconductors
SL2S2002 NXP-SL2S2002 Datasheet
108Kb / 13P
ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
logo
Texas Instruments
DLP9000 TI1-DLP9000 Datasheet
932Kb / 56P
ype A DMDs
DLP9000 TI1-DLP9000_16 Datasheet
932Kb / 56P
Family of 0.9 WQXGA Type A DMDs
DLP9000_016 TI1-DLP9000_016 Datasheet
948Kb / 59P
Family of 0.9 WQXGA Type A DMDs
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
DLP9000XUV 0.9 UV WQXGA Type A DMD
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com