Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EV100 Datasheet (PDF) - Texas Instruments

DS32EV100 Datasheet PDF - Texas Instruments
Part # DS32EV100
Download  DS32EV100 Download
File Size   1030.81 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS32EV100 Programmable Single Equalizer

DS32EV100 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS32EV100 Datasheet PDF - Texas Instruments

Part # DS32EV100
Download  DS32EV100 Click to download

File Size   1030.81 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS32EV100 Programmable Single Equalizer

DS32EV100 Datasheet (HTML) - Texas Instruments


DS32EV100 Product details

1FEATURES
2• Equalizes Up to 14 dB loss at 3.2 Gbps
• 8 levels of Programmable Equalization
• Operates up to 3.2 Gbps with 40” FR4 Traces
• 0.12 UI Residual Deterministic Jitter at 3.2
Gbps with 40” FR4 Traces
• Single 2.5V or 3.3V Power Supply
• Supports AC or DC-Coupling with Wide Input
Common-Mode
• Low power Consumption: 100 mW Typ at 2.5V
• Small 3 mm x 4 mm 14-pin WSON Package
• > 8 kV HBM ESD Rating
• -40 to 85°C Operating Temperature Range

DESCRIPTION
The DS32EV100 programmable equalizer provides
compensation for transmission medium losses and
reduces the medium-induced deterministic jitter for
NRZ data channel. The DS32EV100 is optimized for
operation up to 3.2 Gbps for both cables and FR4
traces. The equalizer channel has eight levels of
input equalization that can be programmed by three
control pins.
The equalizer supports both AC and DC-coupled data
paths for long run length data patterns such as
PRBS-31, and balanced codes such as 8b/10b. The
device uses differential current-mode logic (CML)
inputs and outputs. The DS32EV100 is available in a
3 mm x 4 mm 14-pin WSON package. Power is
supplied from either a 2.5V or 3.3V supply.




Similar Part No. - DS32EV100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EV100 NSC-DS32EV100 Datasheet
636Kb / 10P
Programmable Single Equalizer
DS32EV100 NSC-DS32EV100 Datasheet
641Kb / 10P
Programmable Single Equalizer
logo
Texas Instruments
DS32EV100 TI1-DS32EV100 Datasheet
1Mb / 15P
DS32EV100 Programmable Single Equalizer
logo
National Semiconductor ...
DS32EV100SD NSC-DS32EV100SD Datasheet
641Kb / 10P
Programmable Single Equalizer
logo
Texas Instruments
DS32EV100SD/NOPB TI1-DS32EV100SD/NOPB Datasheet
1Mb / 15P
DS32EV100 Programmable Single Equalizer
More results


Similar Description - DS32EV100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EV100 NSC-DS32EV100 Datasheet
636Kb / 10P
Programmable Single Equalizer
DS64EV100 NSC-DS64EV100 Datasheet
888Kb / 10P
Programmable Single Equalizer
DS32EV100 NSC-DS32EV100_08 Datasheet
641Kb / 10P
Programmable Single Equalizer
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
Programmable Quad Equalizer
DS64EV100 NSC-DS64EV100_08 Datasheet
893Kb / 10P
Programmable Single Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
Programmable Quad Equalizer
logo
Texas Instruments
DS64EV100 TI1-DS64EV100_14 Datasheet
1Mb / 15P
Programmable Single Equalizer
DS32EV100 TI1-DS32EV100_15 Datasheet
1Mb / 15P
DS32EV100 Programmable Single Equalizer
DS64EV100 TI1-DS64EV100_15 Datasheet
1Mb / 16P
Programmable Single Equalizer
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
Programmable Quad Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com