Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV001 Datasheet (PDF) - Texas Instruments

DS90LV001 Datasheet PDF - Texas Instruments
Part # DS90LV001
Download  DS90LV001 Download
File Size   1032.37 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90LV001 800 Mbps LVDS Buffer

DS90LV001 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90LV001 Datasheet PDF - Texas Instruments

Part # DS90LV001
Download  DS90LV001 Click to download

File Size   1032.37 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90LV001 800 Mbps LVDS Buffer

DS90LV001 Datasheet (HTML) - Texas Instruments


DS90LV001 Product details

1FEATURES
2• Single +3.3 V Supply
• LVDS Receiver Inputs Accept LVPECL Signals
• TRI-STATE Outputs
• Receiver Input Threshold < ±100 mV
• Fast Propagation Delay of 1.4 ns (Typ)
• Low Jitter 800 Mbps Fully Differential Data
Path
• 100 ps (Typ) of pk-pk Jitter with PRBS = 223−1
Data Pattern at 800 Mbps
• Compatible with ANSI/TIA/EIA-644-A LVDS
Standard
• 8 pin SOIC and Space Saving (70%) WSON
Package
• Industrial Temperature Range

DESCRIPTION
The DS90LV001 LVDS-LVDS Buffer takes an LVDS
input signal and provides an LVDS output signal. In
many large systems, signals are distributed across
backplanes, and one of the limiting factors for system
speed is the "stub length" or the distance between
the transmission line and the unterminated receivers on individual cards. Although it is generally
recognized that this distance should be as short as
possible to maximize system performance, real-world
packaging concerns often make it difficult to make the
stubs as short as the designer would like.
The DS90LV001, available in the WSON package,
will allow the receiver to be placed very close to the
main transmission line, thus improving system
performance.
A wide input dynamic range will allow the
DS90LV001 to receive differential signals from
LVPECL as well as LVDS sources. This will allow the
device to also fill the role of an LVPECL-LVDS
translator.
An output enable pin is provided, which allows the
user to place the LVDS output in TRI-STATE.
The DS90LV001 is offered in two package options,
an 8 pin WSON and SOIC.




Similar Part No. - DS90LV001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
3.3V LVDS-LVDS Buffer
DS90LV001 NSC-DS90LV001 Datasheet
510Kb / 16P
800 Mbps LVDS Buffer
logo
Texas Instruments
DS90LV001 TI1-DS90LV001 Datasheet
1Mb / 21P
DS90LV001 800 Mbps LVDS Buffer
DS90LV001 TI1-DS90LV001 Datasheet
1Mb / 22P
800 Mbps LVDS Buffer
DS90LV001 TI1-DS90LV001 Datasheet
1Mb / 21P
800 Mbps LVDS Buffer
More results


Similar Description - DS90LV001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
4-Channel 800 Mbps LVDS Buffer/Repeater
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200 NSC-DS08MB200_07 Datasheet
280Kb / 10P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS90LV001 NSC-DS90LV001_08 Datasheet
510Kb / 16P
800 Mbps LVDS Buffer
DS90LV804 NSC-DS90LV804_07 Datasheet
228Kb / 10P
4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Texas Instruments
DS90LV001TMX TI1-DS90LV001TMX Datasheet
1Mb / 21P
DS90LV001 800 Mbps LVDS Buffer
DS90LV001 TI1-DS90LV001_14 Datasheet
1Mb / 22P
800 Mbps LVDS Buffer
DS08MB200 TI1-DS08MB200_13 Datasheet
866Kb / 14P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS90LV001 TI1-DS90LV001_15 Datasheet
1Mb / 21P
800 Mbps LVDS Buffer
DS90LV804 TI1-DS90LV804_16 Datasheet
834Kb / 15P
4-Channel 800 Mbps LVDS Buffer/Repeater
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com