Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC1001 Datasheet (PDF) - Texas Instruments

LDC1001 Datasheet PDF - Texas Instruments
Part # LDC1001
Download  LDC1001 Download
File Size   1050.37 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LDC1001-Q1 Inductance to Digital Converter

LDC1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDC1001 Datasheet PDF - Texas Instruments

Part # LDC1001
Download  LDC1001 Click to download

File Size   1050.37 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LDC1001-Q1 Inductance to Digital Converter

LDC1001 Datasheet (HTML) - Texas Instruments


LDC1001 Product details

1 Features
1• AEC-Q100 Qualified for Automotive Applications:
– Temperature grade 0: –40°C to 150°C, TA
• Magnet-free operation
• Sub-micron precision
• Adjustable sensing range (through coil design)
• Lower system cost
• Remote sensor placement (decoupling the LDC
from harsh environments)
• High durability (by virtue of contact-less operation)
• Insensitivity to environmental interference (such
as dirt, dust, water, oil)
• Supply voltage, analog: 4.75 V to 5.25 V
• Supply voltage, IO: 1.8 V to 5.25 V
• Supply current (without LC tank): 1.7 mA
• RP resolution: 16-bit
• L resolution: 24-bit
• LC frequency range: 5 kHz to 5 MHz

2 Applications
• Touch buttons
• Angular position sensing
• Linear position sensing
• Metal proximity sensing

3 Description
The LDC1001-Q1 device is a 4.75-V to 5.25-V
automotive-qualified inductance-to-digital converter
designed for parallel resistance (Rp) and inductance
(L) measurements. Inductive sensing technology
enables precise measurement of linear or angular
position of metal targets in automotive and industrial
applications.
Inductive sensing is a contactless, short-range
sensing technology that can enable high-resolution
sensing of conductive targets in the presence of dust,
dirt, oil, and moisture, which can be used by
applications in harsh environments.
The LDC1001-Q1 system consists of an inductive
sensor, typically a PCB coil, and a conductive target.
The LDC1001-Q1 is available in a 16-pin TSSOP
package and offers several modes of operation. A
serial peripheral interface (SPI) simplifies connection
to an MCU.




Similar Part No. - LDC1001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1001 TI1-LDC1001 Datasheet
3Mb / 36P
LDC1001 Inductance-to-Digital Converter
LDC1001-Q1 TI1-LDC1001-Q1 Datasheet
807Kb / 36P
LDC1001-Q1 Inductance to Digital Converter
LDC1001-Q1 TI1-LDC1001-Q1 Datasheet
3Mb / 36P
LDC1001 Inductance-to-Digital Converter
LDC1001EPWRQ1 TI1-LDC1001EPWRQ1 Datasheet
807Kb / 36P
LDC1001-Q1 Inductance to Digital Converter
LDC1001NHRR TI1-LDC1001NHRR Datasheet
3Mb / 36P
LDC1001 Inductance-to-Digital Converter
More results


Similar Description - LDC1001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1000 TI-LDC1000 Datasheet
1Mb / 23P
LDC1000 Inductance to Digital Converter
LDC1000-Q1 TI-LDC1000-Q1_15 Datasheet
1Mb / 40P
LDC1000-Q1 Inductance to Digital Converter
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1000 TI1-LDC1000_16 Datasheet
3Mb / 36P
Inductance-to-Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
Inductance to Digital Converter
LDC1001-Q1 TI1-LDC1001-Q1 Datasheet
807Kb / 36P
LDC1001-Q1 Inductance to Digital Converter
LDC1001 TI1-LDC1001 Datasheet
3Mb / 36P
LDC1001 Inductance-to-Digital Converter
LDC3114-Q1 TI-LDC3114-Q1 Datasheet
2Mb / 60P
LDC3114-Q1 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
LDC3114-Q1 TI-LDC3114-Q1_V01 Datasheet
2Mb / 63P
LDC3114-Q1 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com