Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1876 Datasheet (PDF) - Texas Instruments

LM1876 Datasheet PDF - Texas Instruments
Part # LM1876
Download  LM1876 Download
File Size   1037.32 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1876 Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes

LM1876 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1876 Datasheet PDF - Texas Instruments

Part # LM1876
Download  LM1876 Click to download

File Size   1037.32 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1876 Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes

LM1876 Datasheet (HTML) - Texas Instruments


LM1876 Product details

1FEATURES
23• SPiKe Protection
• Minimal Amount of External Components
Necessary
• Quiet Fade-In/Out Mute Mode
• Standby-Mode
• Isolated 15-Lead TO-220 Package (PFM)
• Non-Isolated 15-lead TO-220 Package
• Wide Supply Range 20V - 64V

APPLICATIONS
• High-End Stereo TVs
• Component Stereo
• Compact Stereo

KEY SPECIFICATIONS
• THD+N at 1kHz at 2 x 15W continuous
averageoutput power into 4Ω or 8Ω: 0.1%
(max)
• THD+N at 1kHz at continuous average output
power of 2 x 20W into 8Ω: 0.009% (typ)
• Standby current: 4.2mA (typ)

DESCRIPTION
The LM1876 is a stereo audio amplifier capable of
delivering typically 20W per channel of continuous
average output power into a 4Ω or 8Ω load with less
than 0.1% THD+N.
Each amplifier has an independent smooth transition
fade-in/out mute and a power conserving standby
mode which can be controlled by external logic.
The performance of the LM1876, utilizing its Self
Peak Instantaneous Temperature (°Ke) ( SPiKe™)
protection circuitry, places it in a class above discrete
and hybrid amplifiers by providing an inherently,
dynamically protected Safe Operating Area (SOA).
SPiKe protection means that these parts are
safeguarded at the output against overvoltage,
undervoltage, overloads, including thermal runaway
and instantaneous temperature peaks.




Similar Part No. - LM1876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM1876 TI1-LM1876 Datasheet
1Mb / 27P
Audio Power Amplifier Series
logo
National Semiconductor ...
LM1876T NSC-LM1876T Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM1876T TI1-LM1876T Datasheet
1Mb / 27P
Audio Power Amplifier Series
More results


Similar Description - LM1876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com