Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM334MX/NOPB.B Datasheet (PDF) - Texas Instruments

LM334MX/NOPB.B Datasheet PDF - Texas Instruments
Part # LM334MX/NOPB.B
Download  LM334MX/NOPB.B Download
File Size   1059.4 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM134/LM234/LM334 3-Terminal Adjustable Current Sources

LM334MX/NOPB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM334MX/NOPB.B Datasheet PDF - Texas Instruments

Part # LM334MX/NOPB.B
Download  LM334MX/NOPB.B Click to download

File Size   1059.4 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM134/LM234/LM334 3-Terminal Adjustable Current Sources

LM334MX/NOPB.B Datasheet (HTML) - Texas Instruments


LM334MX/NOPB.B Product details

1FEATURES
2• Operates From 1V to 40V
• 0.02%/V Current Regulation
• Programmable From 1μA to 10mA
• True 2-Terminal Operation
• Available as Fully Specified Temperature
Sensor
• ±3% Initial Accuracy

DESCRIPTION
The LM134/LM234/LM334 are 3-terminal adjustable
current sources featuring 10,000:1 range in operating
current, excellent current regulation and a wide
dynamic voltage range of 1V to 40V. Current is
established with one external resistor and no other
parts are required. Initial current accuracy is ±3%.
The LM134/LM234/LM334 are true floating current
sources with no separate power supply connections.
In addition, reverse applied voltages of up to 20V will
draw only a few dozen microamperes of current,
allowing the devices to act as both a rectifier and
current source in AC applications.
The sense voltage used to establish operating current
in the LM134 is 64mV at 25°C and is directly
proportional to absolute temperature (°K). The
simplest one external resistor connection, then,
generates a current with ≈+0.33%/°C temperature
dependence. Zero drift operation can be obtained by
adding one extra resistor and a diode.
Applications for the current sources include bias
networks, surge protection, low power reference,
ramp generation, LED driver, and temperature
sensing. The LM234-3 and LM234-6 are specified as
true temperature sensors with ensured initial
accuracy of ±3°C and ±6°C, respectively. These
devices are ideal in remote sense applications
because series resistance in long wire runs does not
affect accuracy. In addition, only 2 wires are required.
The LM134 is specified over a temperature range of
−55°C to +125°C, the LM234 from −25°C to +100°C
and the LM334 from 0°C to +70°C. These devices
are available in TO hermetic, TO-92 and SOIC-8
plastic packages.




Similar Part No. - LM334MX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM334MX/NOPB TI1-LM334MX/NOPB Datasheet
1Mb / 25P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334MX/NOPB TI1-LM334MX/NOPB Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334MX/NOPB TI1-LM334MX/NOPB Datasheet
1Mb / 26P
3-Terminal Adjustable Current Sources
More results


Similar Description - LM334MX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
Three terminal adjustable current sources
29-May-2007
logo
Texas Instruments
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI1-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
3-Terminal Adjustable Current Sources
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com