Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM89-1CIMM Datasheet (PDF) - Texas Instruments

LM89-1CIMM Datasheet PDF - Texas Instruments
Part # LM89-1CIMM
Download  LM89-1CIMM Download
File Size   1069.01 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface

LM89-1CIMM Datasheet (PDF)

Go To PDF Page Download Datasheet
LM89-1CIMM Datasheet PDF - Texas Instruments

Part # LM89-1CIMM
Download  LM89-1CIMM Click to download

File Size   1069.01 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface

LM89-1CIMM Datasheet (HTML) - Texas Instruments


LM89-1CIMM Product details

1 Features
1• Accurately Senses Die Temperature of Remote
ICs or Diode Junctions
• Offset Register Allows Accurate Sensing of a
Variety of Thermal Diodes diode•
On-Board Local Temperature Sensing
• 10-Bit Plus Sign Remote Diode Temperature Data
Format, 0.125°C Resolution
• T_CRIT_A Output Useful for System Shutdown
• ALERT Output Supports SMBus 2.0 Protocol
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• 8-Pin VSSOP and SOIC Packages
• Key Specifications:
– Supply Voltage: 3.0 V to 3.6 V
– Local Temp Accuracy (includes quantization
error)
– TA = 25°C to 125°C ±3.0 °C (max)
– Remote Diode Temp Accuracy (includes
quantization error)
– TA = 30°C, TD = 80°C ±0.75 °C (max)

2 Applications
• Processor/Computer System Thermal
Management
(For Example, Laptop, Desktop, Workstations,
Server)
• Electronic Test Equipment
• Office Electronics

3 Description
The LM89 is an 11-bit digital temperature sensor with
a 2-wire System Management Bus (SMBus) serial
interface. The LM89 accurately measures its own
temperature as well as the temperature of an external
device, such as processor thermal diode or diode•
connected transistor such as the 2N3904. The
temperature of any ASIC, GPU, FPGA or MCU can
be accurately determined using the LM89 as long as a dedicated diode (semiconductor junction) is
available on the target die. The LM89 has an Offset
register to allow calibration for different nonideality
factors without requiring software management.
Activation of the ALERT occurs when any
temperature goes outside a preprogrammed window
set by the HIGH and LOW limit registers or exceeds the T_CRIT limit. Activation of the T_CRIT_A occurs
when any temperature exceeds the T_CRIT
programmed limit.
The LM89 is pin and register compatible with the
LM86, LM90, LM99, On Semiconductor ADM1032
and Maxim MAX6657/8.
The LM89C and the LM89-1C have the same
functions but different SMBus slave addresses,
allowing multiple LM89's on a bus. LM89-1D's default
local T_CRIT temperature limit is 105°C; all other
versions are 85°C. (See Device Comparison Table.)




Similar Part No. - LM89-1CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM89-1CIMM NSC-LM89-1CIMM Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM89-1CIMM/NOPB TI-LM89-1CIMM/NOPB Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
logo
National Semiconductor ...
LM89-1CIMMX NSC-LM89-1CIMMX Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM89-1CIMMX/NOPB TI-LM89-1CIMMX/NOPB Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
More results


Similar Description - LM89-1CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com