Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDI2D23 Datasheet (PDF) - Sumida Corporation

CDI2D23 Datasheet PDF - Sumida Corporation
Part # CDI2D23
Download  CDI2D23 Download
File Size   136.36 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS

CDI2D23 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDI2D23 Datasheet PDF - Sumida Corporation

Part # CDI2D23
Download  CDI2D23 Click to download

File Size   136.36 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS

CDI2D23 Datasheet (HTML) - Sumida Corporation


CDI2D23 Product details

◆ Product Description
 • 3.4× 2.6mm Max.(L× W),2.5mm Max. Height.
 • Inductance range: 1.0~4.0mH
 • Rated current range:15~40mA
 • In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.

◆ Feature
 • Magnetically unshielded construction.
 • Ideally used in MP3 LED Display.
 • RoHS Compliance




Similar Part No. - CDI2D23

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CDIP AMKOR-CDIP Datasheet
374Kb / 1P
Ceramic Dual-Inline Package
More results


Similar Description - CDI2D23

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com