Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2942 Datasheet (PDF) - Adafruit Industries

2942 Datasheet PDF - Adafruit Industries
Part # 2942
Download  2942 Download
File Size   190.7 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Supporting Swivel Caster Wheel - 1.3" Diameter

2942 Datasheet (PDF)

Go To PDF Page Download Datasheet
2942 Datasheet PDF - Adafruit Industries

Part # 2942
Download  2942 Click to download

File Size   190.7 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Supporting Swivel Caster Wheel - 1.3" Diameter

2942 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2942

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
29420-49-3 WAGO-29420-49-3 Datasheet
1Mb / 9P
Shield clamping saddle; 21.8 mm wide; 6 ... 16 mm
09.08.2023
logo
Cornell Dubilier Electr...
294200B202JO0 CDE-294200B202JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
294200B222JO0 CDE-294200B222JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
294200B242JO0 CDE-294200B242JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
294200B272JO0 CDE-294200B272JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
More results


Similar Description - 2942

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
RC-4835-PR BUD-RC-4835-PR Datasheet
25Kb / 1P
SWIVEL CASTER
RC-7761 BUD-RC-7761 Datasheet
54Kb / 1P
SWIVEL CASTER WITH BRAKE
RC-7761-PR BUD-RC-7761-PR Datasheet
54Kb / 1P
SWIVEL CASTER WITH BRAKE
logo
Mallory performance clu...
86103 MALLORY-86103 Datasheet
128Kb / 2P
Trigger Wheel
logo
Bud Industries, Inc.
RC-7764-PR BUD-RC-7764-PR Datasheet
31Kb / 1P
CASTER
logo
Tripp Lite. All Rights ...
DMCCASTER TRIPPLITE-DMCCASTER Datasheet
165Kb / 2P
Locking Caster Kit for Rolling TV/Monitor Carts - Heavy Duty, Swivel, 4 in. Diameter, 4 Casters
logo
SparkFun Electronics
ROB-00320 SPARKFUN-ROB-00320 Datasheet
103Kb / 1P
Ball Caster Omni-Directional Metal
1/18/2016
ROB-08908 SPARKFUN-ROB-08908 Datasheet
92Kb / 1P
Ball Caster Plastic - 3/8
2/12/2016
ROB-08909 SPARKFUN-ROB-08909 Datasheet
93Kb / 1P
Ball Caster Metal - 3/8
2/15/2016
logo
Kendall Howard
5200-3-001-00 KENDALLHOWARD-5200-3-001-00 Datasheet
696Kb / 2P
LAN Station Caster Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com