Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49101 Datasheet (PDF) - Texas Instruments

LM49101 Datasheet PDF - Texas Instruments
Part # LM49101
Download  LM49101 Download
File Size   1042.21 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49101 Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch

LM49101 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM49101 Datasheet PDF - Texas Instruments

Part # LM49101
Download  LM49101 Click to download

File Size   1042.21 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49101 Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch

LM49101 Datasheet (HTML) - Texas Instruments


LM49101 Product details

1FEATURES
2• Differential Mono Input and Stereo Single-
Ended Input
• Separate Earpiece (Receiver) Differential Input
• Analog Switch for a Separate Earpiece Path
• 32-Step Digital Volume Control (-80 to +18dB)
• Three Independent Volume Channels (Left,
Right, Mono)
• Separate Headphone Volume Control
• Flexible Output for Speaker and Headphone
Output
• True Ground Headphone Amplifier Eliminates
Large DC Blocking Capacitors Reducing PCB
Space and Cost
• Hardware Reset Function
• RF Immunity Topology
• “Click and Pop” Suppression Circuitry
• Thermal Shutdown Protection
• Micro-Power Shutdown
• I2C Control Interface
• Available in Space-Saving DSBGA Package

KEY SPECIFICATIONS
• Supply Voltage (V DDLS): 2.7V ≤ VDDLS ≤ 5.5V
• Supply Voltage (VDDHP): 1.8V ≤ VDDHP ≤ 2.9V
• I2C Supply Voltage: 1.7V ≤ I2CV DD ≤ 5.5V
• Output Power, VDDLS = 5V, VDDHP = 2.75V, 1%
THD+N
– RL = 8Ω Speaker 1.3W (Typ)
– RL = 32Ω Headphone 45mW (Typ)
• Output Power VDDLS = 3.3V, VDDHP = 2.75V,
1% THD+N
– RL = 8Ω Speaker 540W (Typ)
– RL = 32Ω Headphone 40mW (Typ)
• PSRR: VDD = 3.3V, 217Hz Ripple, Mono In:
90dB (Typ)
• Shutdown Power Supply Current: 0.01μA (Typ)

APPLICATIONS
• Portable Electronic Devices
• Mobile Phones
• PDAs

DESCRIPTION
The LM49101 is a fully integrated audio subsystem
with a mono power amplifier capable of delivering
540mW of continuous average power into an 8Ω BTL
speaker load with 1% THD+N using a 3.3V supply.
The LM49101 includes a separate stereo headphone
amplifier that can deliver 44mW per channel into 32Ω
loads using a 2.75V supply.
The LM49101 has four input channels. A pair of
single-ended inputs and a fully differential input
channel with volume control and amplification stages.
Additionally, a bypass differential input is available
that connects directly to the mono speaker outputs
through an analog switch without any amplification or
volume control stages. The LM49101 features a
32–step digital volume control on the input stage and
an 8–step digital volume control on the headphone
output stage.
The digital volume control and output modes,
programmed through a two-wire I2C compatible
interface, allows flexibility in routing and mixing audio
channels.
The LM49101 is designed for cellular phones, PDAs,
and other portable handheld applications. The high
level of integration minimizes external components.
The True Ground headphone amplifier eliminates the
physically large DC blocking output capacitors
reducing required board space and reducing cost.




Similar Part No. - LM49101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
Texas Instruments
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
National Semiconductor ...
LM49101TM NSC-LM49101TM Datasheet
839Kb / 30P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
Texas Instruments
LM49101TM/NOPB TI1-LM49101TM/NOPB Datasheet
1Mb / 33P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
National Semiconductor ...
LM49101TMX NSC-LM49101TMX Datasheet
839Kb / 30P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
More results


Similar Description - LM49101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100_0709 NSC-LM49100_0709 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100_14 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49200 TI1-LM49200 Datasheet
1Mb / 29P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com