Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5001 Datasheet (PDF) - Texas Instruments

LM5001 Datasheet PDF - Texas Instruments
Part # LM5001
Download  LM5001 Download
File Size   1005.05 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5001x High-Voltage Switch-Mode Regulator

LM5001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5001 Datasheet PDF - Texas Instruments

Part # LM5001
Download  LM5001 Click to download

File Size   1005.05 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5001x High-Voltage Switch-Mode Regulator

LM5001 Datasheet (HTML) - Texas Instruments


LM5001 Product details

1 Features
1• AEC-Q100 Qualified (TJ = –40°C to 125°C)
• Integrated 75-V N-Channel MOSFET
• Ultra-Wide Input Voltage Range from
3.1 V to 75 V N•
Integrated High Voltage Bias Regulator
• Adjustable Output Voltage
• 1.5% Output Voltage Accuracy
• Current Mode Control with Selectable
Compensation
• Wide Bandwidth Error Amplifier
• Integrated Current Sensing and Limiting
• Integrated Slope Compensation
• 85% Maximum Duty Cycle Limit
• Single Resistor Oscillator Programming
• Oscillator Synchronization Capability
• Enable / Undervoltage Lockout (UVLO) Pin
• Thermal Shutdown

2 Applications
• DC-DC Power Supplies for Industrial,
Communications, and Automotive Applications
• Boost, Flyback, SEPIC and Forward Converter
Topologies

3 Description
The LM5001 high-voltage switch-mode regulator
features all of the functions necessary to implement efficient high-voltage Boost, Flyback, SEPIC and
Forward converters, using few external components.
This easy-to-use regulator integrates a 75-V N•
Channel MOSFET with a 1-A peak current limit.
Current mode control provides inherently simple loop compensation and line-voltage feed-forward for
superior rejection of input transients. The switching
frequency is set with a single resistor and is
programmable up to 1.5 MHz. The oscillator can also
be synchronized to an external clock. Additional protection features include: current limit, thermal
shutdown, undervoltage lockout and remote
shutdown capability.




Similar Part No. - LM5001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001 Datasheet
392Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5001 TI-LM5001 Datasheet
1Mb / 26P
High-Voltage Switch-Mode Regulator
LM5001-Q1 TI-LM5001-Q1 Datasheet
1Mb / 26P
High-Voltage Switch-Mode Regulator
More results


Similar Description - LM5001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
High Voltage Switch Mode Regulator
LM5001 TI-LM5001_15 Datasheet
1Mb / 26P
High-Voltage Switch-Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI-LM5000_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com