Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH7324 Datasheet (PDF) - Texas Instruments

LMH7324 Datasheet PDF - Texas Instruments
Part # LMH7324
Download  LMH7324 Download
File Size   1063.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH7324 Quad 700 ps High Speed Comparator with RSPECL Outputs

LMH7324 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH7324 Datasheet PDF - Texas Instruments

Part # LMH7324
Download  LMH7324 Click to download

File Size   1063.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH7324 Quad 700 ps High Speed Comparator with RSPECL Outputs

LMH7324 Datasheet (HTML) - Texas Instruments


LMH7324 Product details

1FEATURES
2• (VCCI = VCCO = +5V, VEE = 0V.)
• Propagation Delay 700 ps
• Overdrive Dispersion 20 ps
• Fast Rise and Fall Times 150 ps
• Supply Range 5V to 12V
• Input Common Mode Range Extends 200 mV
Below Negative Rail
• RSPECL outputs

APPLICATIONS
• Digital Receivers
• High Speed Signal Restoration
• Zero-crossing Detectors
• High Speed Sampling
• Window Comparators
• High Speed Signal Triggering

DESCRIPTION
The LMH7324 is a quad comparator with 700 ps
propagation delay and low dispersion of 20 ps for a supply voltage of 5V. The input voltage range
extends 200 mV below the negative supply. This
enables the LMH7324 to ground sense even when
operating on a single power supply. The device operates from a wide supply voltage range from 5V to
12V, which allows for a wide input voltage range.
However, if a wide input voltage range is not
required, operating from a single-ended 5V supply
results in a significant power savings, and less heat
dissipation.
The outputs of the LMH7324 are RSPECL compatible
and can also be configured to create LVDS levels.
The LMH7324 operates over the industrial
temperature range of −40°C to 125°C. The LMH7324
is available in a 32-Pin WQFN package.




Similar Part No. - LMH7324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7324 NSC-LMH7324 Datasheet
489Kb / 20P
Quad 700 PS High Speed Comparator with RSPECL Outputs
LMH7324 NSC-LMH7324 Datasheet
489Kb / 20P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 NSC-LMH7324 Datasheet
491Kb / 20P
Quad 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7324 TI1-LMH7324 Datasheet
1,023Kb / 30P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 TI1-LMH7324 Datasheet
979Kb / 30P
Quad 700 ps High Speed Comparator with RSPECL Outputs
More results


Similar Description - LMH7324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7324 NSC-LMH7324 Datasheet
489Kb / 20P
Quad 700 PS High Speed Comparator with RSPECL Outputs
LMH7324_0710 NSC-LMH7324_0710 Datasheet
489Kb / 20P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7322 NSC-LMH7322_08 Datasheet
574Kb / 24P
Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 NSC-LMH7324_08 Datasheet
491Kb / 20P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7322_0811 NSC-LMH7322_0811 Datasheet
577Kb / 24P
Dual 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7322 TI1-LMH7322_14 Datasheet
945Kb / 33P
Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 TI1-LMH7324_14 Datasheet
1,023Kb / 30P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 TI1-LMH7324 Datasheet
979Kb / 30P
Quad 700 ps High Speed Comparator with RSPECL Outputs
LMH7322 TI1-LMH7322 Datasheet
954Kb / 33P
Dual 700 ps High Speed Comparator with RSPECL Outputs
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com