Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV711-N Datasheet (PDF) - Texas Instruments

LMV711-N Datasheet PDF - Texas Instruments
Part # LMV711-N
Download  LMV711-N Download
File Size   1068.06 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV71x-N Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option

LMV711-N Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV711-N Datasheet PDF - Texas Instruments

Part # LMV711-N
Download  LMV711-N Click to download

File Size   1068.06 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV71x-N Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option

LMV711-N Datasheet (HTML) - Texas Instruments


LMV711-N Product details

1 Features
1• Low Offset Voltage: 3 mV (Maximum)
• Gain-Bandwidth Product: 5 MHz (Typical)
• Slew Rate: 5 V/μs (Typical)
• Space-Saving Packages: 5-Pin and 6-Pin SOT-23
• Turnon Time From Shutdown: <10 μs
• Industrial Temperature Range: −40°C to 85°C
• Supply Current in Shutdown Mode: 0.2 μA
(Typical)
• Ensured 2.7-V and 5-V Performance
• Unity Gain Stable
• Rail-to-Rail Input and Output
• Capable of Driving 600-Ω Load

2 Applications
• Wireless Phones
• GSM, TDMA, and CDMA Power Amp Controls
• AGC and RF Power Detectors
• Temperature Compensation
• Wireless LAN
• Bluetooth
• HomeRF

3 Description
The LMV710-N, LMV711-N, and LMV715-N are
BiCMOS operational amplifiers with a CMOS input
stage. These devices have greater than RR input
common mode voltage range, rail-to-rail output and
high output current drive. They offer a bandwidth of
5 MHz and a slew rate of 5 V/μs.
On the LMV711 and LMV715, a separate shutdown
pin can be used to disable the device and reduces
the supply current to 0.2 μA (typical). They also
feature a turnon time of less than 10 μs. It is an ideal
solution for power-sensitive applications, such as
cellular phone, pager, palm computer, and so forth. In
addition, once the LMV715 is in shutdown the output
is tri-stated.
The LMV710 is offered in the space-saving, 5-pin
SOT-23 package. The LMV711 and LMV715 are
offered in the space saving 6-pin SOT-23 package.
The LMV71x-N devices are designed to meet the
demands of low power, low cost, and small size
required by cellular phones and similar batterypowered
portable electronics.




Similar Part No. - LMV711-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV711-N TI-LMV711-N Datasheet
1Mb / 25P
LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
LMV711-N TI1-LMV711-N Datasheet
775Kb / 25P
Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
More results


Similar Description - LMV711-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710 TI-LMV710 Datasheet
404Kb / 15P
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV710M5 TI-LMV710M5 Datasheet
1Mb / 25P
LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
logo
National Semiconductor ...
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com