Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712LD/NOPB.A Datasheet (PDF) - Texas Instruments

LMV712LD/NOPB.A Datasheet PDF - Texas Instruments
Part # LMV712LD/NOPB.A
Download  LMV712LD/NOPB.A Download
File Size   999.89 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown

LMV712LD/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV712LD/NOPB.A Datasheet PDF - Texas Instruments

Part # LMV712LD/NOPB.A
Download  LMV712LD/NOPB.A Click to download

File Size   999.89 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier With Independent Shutdown

LMV712LD/NOPB.A Datasheet (HTML) - Texas Instruments


LMV712LD/NOPB.A Product details

1 Features
1• Available In Automotive AEC-Q100 Grade 1
Version (LMV712-N Only)
• 5-MHz GBP
• Slew Rate: 5 V/μs
• Low Noise: 20 nV/√Hz
• Supply Current: 1.22 mA/Channel
• VOS< 3 mV Maximum
• Ensured 2.7-V and 5-V Specifications
• Temperature Range: –40°C to 125°C
• Rail-to-Rail Inputs and Outputs
• Unity Gain Stable
• Small Package: 10-Pin DSBGA, 10-Pin WSON,
and 10-Pin VSSOP
• 1.5-μA Shutdown ICC
• 2.2-μs Turnon

2 Applications
• Power Amplifier Control Loops
• Cellular Phones
• Portable Equipment
• Wireless LAN
• Radio Systems
• Cordless Phones

3 Description
The LMV712-N devices are high-performance
BiCMOS operational amplifiers intended for
applications requiring rail-to-rail inputs combined with
speed and low noise. They offer a bandwidth of
5 MHz and a slew rate of 5 V/μs, and can handle
capacitive loads of up to 200 pF without oscillation.
The LMV712-N is ensured to operate from 2.7 V to
5.5 V and offers two independent shutdown pins. This
feature allows disabling of each device separately
and reduces the supply current to less than 1 μA
typical. The output voltage rapidly ramps up smoothly
with no glitch as the amplifier comes out of the
shutdown mode.
The LMV712-N with the shutdown feature is offered
in space-saving 10-pin DSBGA and 10-pin WSON
packages. It is also offered in 10-pin VSSOP
package. These packages are designed to meet the
demands of small size, low power, and low cost
required by cellular phones and similar batteryoperated
portable electronics.




Similar Part No. - LMV712LD/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV712LD/NOPB TI1-LMV712LD/NOPB Datasheet
1Mb / 24P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
More results


Similar Description - LMV712LD/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
Texas Instruments
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
LMV712-N TI1-LMV712-N Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TL TI-LMV712TL Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com