Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8501PRGTT.A Datasheet (PDF) - Texas Instruments

ONET8501PRGTT.A Datasheet PDF - Texas Instruments
Part # ONET8501PRGTT.A
Download  ONET8501PRGTT.A Download
File Size   1029.67 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER

ONET8501PRGTT.A Datasheet (PDF)

Go To PDF Page Download Datasheet
ONET8501PRGTT.A Datasheet PDF - Texas Instruments

Part # ONET8501PRGTT.A
Download  ONET8501PRGTT.A Click to download

File Size   1029.67 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER

ONET8501PRGTT.A Datasheet (HTML) - Texas Instruments


ONET8501PRGTT.A Product details

1FEATURES
· Up to 11.3-Gbps Operation
· 2-Wire Digital Interface
· Digitally Selectable Input Bandwidth
· Adjustable LOS Threshold
· Digitally Selectable Output Voltage
· Digitally Selectable Output Pre-Emphasis
· Adjustable Input Threshold Voltage
· Low Power Consumption
· Input Offset Cancellation
· CML Data Outputs with On-Chip 50-Ω
Back-Termination to VCC
· Single +3.3-V Supply
· Output Disable
· Surface Mount Small Footprint 3 mm ´ 3 mm
16-Pin RoHS compliant QFN Package

APPLICATIONS
· 10-Gigabit Ethernet Optical Receivers
· 8x and 10x Fiber Channel Optical Receivers
· SONET OC-192/SDH-64 Optical Receivers
· SFP+ and XFP Transceiver Modules
· XENPAK, XPAK, X2 and 300-pin MSA
Transponder Modules
· Cable Driver and Receiver

DESCRIPTION
The ONET8501P is a high-speed, 3.3-V limiting amplifier for multiple fiber optic and copper cable applications
with data rates from 2 Gbps up to 11.3 Gbps.
The device provides a two-wire serial interface which allows digital control of the bandwidth, output amplitude,
output pre-emphasis, input threshold voltage (slice level) and the loss of signal assert level. Predetermined
settings for bandwidth and LOS assert levels can also be selected with external rate selection pins.
The ONET8501P provides a gain of about 40dB which ensures a fully differential output swing for input signals
as low as 10 mVpp. The output amplitude can be adjusted to 300 mVpp, 600 mVpp, or 900 mVpp. To compensate
for frequency dependent loss of microstrips or striplines connected to the output of the device, programmable
pre-emphasis is included in the output stage. A settable loss of signal detection and output disable are also
provided.
The part, available in RoHS compliant small footprint 3 mm ´ 3 mm 16-pin QFN package, typically dissipates
less than 160 mW and is characterized for operation from –40°C to 100°C.




Similar Part No. - ONET8501PRGTT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501PRGTT TI-ONET8501PRGTT Datasheet
1Mb / 26P
11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PRGTTG4 TI-ONET8501PRGTTG4 Datasheet
1Mb / 26P
11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
More results


Similar Description - ONET8501PRGTT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
11.3-Gbps Limiting Amplifier
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
11.3 Gbps Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
11.3-Gbps Limiting Amplifier
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
11.3-Gbps Rate-Selectable Limiting Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com