Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243IPWR.A Datasheet (PDF) - Texas Instruments

MAX3243IPWR.A Datasheet PDF - Texas Instruments
Part # MAX3243IPWR.A
Download  MAX3243IPWR.A Download
File Size   1064.86 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection

MAX3243IPWR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3243IPWR.A Datasheet PDF - Texas Instruments

Part # MAX3243IPWR.A
Download  MAX3243IPWR.A Click to download

File Size   1064.86 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection

MAX3243IPWR.A Datasheet (HTML) - Texas Instruments


MAX3243IPWR.A Product details

1 Features
• Operates with 3V to 5.5V VCC supply
• Single-chip and single-supply interface
for IBM™ PC/AT™ serial port
• RS-232 Bus-pin ESD protection of
±15kV Using Human-Body Model (HBM)
• Meets or exceeds the requirements of
TIA/EIA-232-F and ITU V.28 standards
• Three drivers and five receivers
• Operates up to 250kbit/s
• Low active current: 300μA typical
• Low standby current: 1μA typical
• External capacitors: 4 × 0.1μF
• Accepts 5V logic input with 3.3V supply
• Always-active noninverting receiver
output (ROUT2B)
• Operating temperature
– MAX3243C: 0°C to 70°C
– MAX3243I: –40°C to 85°C
• Serial-mouse driveability
• Auto-powerdown feature to disable driver
outputs when no valid RS-232 signal is
sensed

2 Applications
• Battery-powered systems
• Tablets
• Notebooks
• Laptops
• Hand-held equipment

3 Description
The MAX3243 device consists of three line drivers,
five line receivers which is ideal for DE-9 DTE
interface. ±15kV ESD (HBM) protection pin to pin
(serial- port connection pins, including GND). Flexible
power features saves power automatically. Special
outputs ROUT2B and INVALID are always enabled
to allow checking for ring indicator and valid RS232
input.




Similar Part No. - MAX3243IPWR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3243IPWR.A TI2-MAX3243IPWR.A Datasheet
1Mb / 30P
MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
REVISED AUGUST 2024
More results


Similar Description - MAX3243IPWR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238E TI-MAX3238E Datasheet
333Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243 TI-MAX3243_06 Datasheet
299Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD (HBM) PROTECTION
TRS3238E TI-TRS3238E Datasheet
474Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1 Datasheet
252Kb / 15P
3-V TO 5.5V MULTICHANNEL RS-232 LINE DRIVER RECEIVER WITH 15-kV ESD(HBM) PROTECTION
MAX3243-EP TI1-MAX3243-EP Datasheet
541Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3243 TI1-TRS3243 Datasheet
583Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRSF3238E TI1-TRSF3238E Datasheet
610Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
logo
Unisonic Technologies
UT3222 UTC-UT3222 Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
logo
Texas Instruments
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3243-EP TI1-MAX3243-EP_16 Datasheet
793Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com