Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12010WAZT Datasheet (PDF) - Texas Instruments

PTH12010WAZT Datasheet PDF - Texas Instruments
Part # PTH12010WAZT
Download  PTH12010WAZT Download
File Size   1002.21 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE

PTH12010WAZT Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH12010WAZT Datasheet PDF - Texas Instruments

Part # PTH12010WAZT
Download  PTH12010WAZT Click to download

File Size   1002.21 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE

PTH12010WAZT Datasheet (HTML) - Texas Instruments


PTH12010WAZT Product details

FEATURES
· Up to 12-A Output Current
· 12-V Input Voltage
· Wide-Output Voltage Adjust
(1.2 V to 5.5 V)/(0.8 V to 1.8 V)
· Efficiencies up to 94%
· 200 W/in3 Power Density
· On/Off Inhibit
· Output Voltage Sense
· Prebias Startup
· Undervoltage Lockout
· Auto-Track™ Sequencing
· Margin Up/Down Controls
· Output Overcurrent Protection
(Nonlatching, Auto-Reset)
· Operating Temperature: –40°C to 85°C
· Safety Agency Approvals:
UL/IEC/CSA-22.2 60950-1
· Point of Load Alliance (POLA™) Compatible

APPLICATIONS
· Complex Multivoltage, Multiprocessor
Systems

DESCRIPTION
The PTH12010 series of non-isolated power modules that are small in size but big on performance and
flexibility. The high output current, compact footprint, and industry-leading features offers system designers a
versatile module for powering complex multi-processor digital systems.
The series employs double-sided surface mount construction and provides high-performance step-down power
conversion for up to 12 A of output current. The output voltage of the W-suffix parts can be set to any value over
the range, 1.2 V to 5.5 V. The L-suffix devices have an adjustment range of 0.8 V to 1.8 V. The output voltage is
set using a single external resistor.
This series includes Auto-Track™ sequencing. Auto-Track simplifies the task of supply voltage sequencing in a
power system by enabling modules to track each other, or any external voltage, during power up and power
down.
Other operating features include an on/off inhibit, output voltage adjust (trim), margin up/down controls, and the
ability to start up into an existing output voltage or prebias. For improved load regulation, an output voltage
sense is also provided. A nonlatching overcurrent trip serves as load fault protection.
Target applications include complex multivoltage, multiprocessor systems that incorporate the industry’s
high-speed TMS320™ DSP family, microprocessors, and bus drivers.
For start-up into a non-prebiased output, review page 14 in the Application Information section.
For start-up into a prebiased output, review page 18 in the Application Information section.




Similar Part No. - PTH12010WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12010WAZT TI-PTH12010WAZT Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12010WAZT ARTESYN-PTH12010WAZT Datasheet
219Kb / 5P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12010WAZT EMERSON-NETWORKPOWER-PTH12010WAZT Datasheet
1Mb / 6P
DC-DC CONVERTERS
More results


Similar Description - PTH12010WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com