Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04T241WAST Datasheet (PDF) - Texas Instruments

PTH04T241WAST Datasheet PDF - Texas Instruments
Part # PTH04T241WAST
Download  PTH04T241WAST Download
File Size   1037.75 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS™

PTH04T241WAST Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH04T241WAST Datasheet PDF - Texas Instruments

Part # PTH04T241WAST
Download  PTH04T241WAST Click to download

File Size   1037.75 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS™

PTH04T241WAST Datasheet (HTML) - Texas Instruments


PTH04T241WAST Product details

1FEATURES
2· Up to 10-A Output Current
· 2.2-V to 5.5-V Input Voltage
· Wide-Output Voltage Adjust (0.69 V to 3.6 V)
· ±1.5% Total Output Voltage Variation
· Efficiencies up to 96%
· Output Overcurrent Protection
(Nonlatching, Auto-Reset)
· Operating Temperature: –40°C to 85°C
· Safety Agency Approvals:
– UL/IEC/CSA-C22.2 60950-1
· Prebias Startup
· On/Off Inhibit
· Differential Output Voltage Remote Sense
· Adjustable Undervoltage Lockout
· Auto-Track™ Sequencing
· Ceramic Capacitor Version (PTH04T241W)
· TurboTrans™ Technology
· Designed to meet Ultra-Fast Transient
Requirements up to 300 A/ms
· SmartSync Technology

APPLICATIONS
· Complex Multi-Voltage Systems
· Microprocessors
· Bus Drivers

DESCRIPTION
The PTH04T240/241W is a high-performance 10-A rated, non-isolated power module. These modules represent
the 2nd generation of the popular PTH series power modules and include a reduced footprint and additional
features. The PTH04T241W is optimized to be used with all ceramic capacitors.
Operating from an input voltage range of 2.2 V to 5.5 V, the PTH04T240/241W requires a single resistor to set
the output voltage to any value over the range, 0.69 V to 3.6 V. The wide input voltage range makes the
PTH04T240/241W particularly suitable for advanced computing and server applications that utilize a 2.5-V,
3.3-V, or 5-V intermediate bus architecture.
The module incorporates a comprehensive list of features. Output over-current and over-temperature shutdown
protects against most load faults. A differential remote sense ensures tight load regulation. An adjustable
under-voltage lockout allows the turn-on voltage threshold to be customized. Auto-Track™sequencing is a
popular feature that greatly simplifies the simultaneous power-up and power-down of multiple modules in a
power system.
The PTH04T240/241W includes new patent pending technologies, TurboTrans™ and SmartSync. The
TurboTrans feature optimizes the transient response of the regulator while simultaneously reducing the quantity
of external output capacitors required to meet a target voltage deviation specification. Additionally, for a target
output capacitor bank, TurboTrans can be used to significantly improve the regulators transient response by
reducing the peak voltage deviation. SmartSync allows for switching frequency synchronization of multiple
modules, thus simplifying EMI noise suppression tasks and reducing input capacitor RMS current requirements.
The module uses double-sided surface mount construction to provide a low profile and compact footprint.
Package options include both through-hole and surface mount configurations that are lead (Pb) - free and RoHS
compatible.




Similar Part No. - PTH04T241WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T241WAST TI-PTH04T241WAST Datasheet
970Kb / 38P
10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
More results


Similar Description - PTH04T241WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
NCP1523 TI-NCP1523 Datasheet
1Mb / 35P
6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T240W TI-PTH04T240W Datasheet
949Kb / 36P
10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T220W TI-PTH04T220W Datasheet
1Mb / 39P
16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH04T241WAD TI-PTH04T241WAD Datasheet
970Kb / 38P
10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T220W TI-PTH04T220W_15 Datasheet
1Mb / 38P
16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T221W TI-PTH04T221W_15 Datasheet
1Mb / 38P
16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T230W TI-PTH04T230W_15 Datasheet
1Mb / 36P
6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com