Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM74104 Datasheet (PDF) - Texas Instruments

SM74104 Datasheet PDF - Texas Instruments
Part # SM74104
Download  SM74104 Download
File Size   1044.92 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay

SM74104 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM74104 Datasheet PDF - Texas Instruments

Part # SM74104
Download  SM74104 Click to download

File Size   1044.92 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay

SM74104 Datasheet (HTML) - Texas Instruments


SM74104 Product details

1 Features
1• Renewable Energy Grade
• Drives both a High Side and Low Side N-Channel
MOSFET
• Adaptive Rising and Falling Edges with
Programmable Additional Delay
• Single Input Control
• Bootstrap Supply Voltage Range up to 118V DC
• Fast Turn-Off Propagation Delay (25 ns Typical)
• Drives 1000 pF Loads with 15 ns Rise and Fall
Times
• Supply Rail Under-Voltage Lockout

2 Typical Applications
• Current Fed Push-Pull Power Converters
• High Voltage Buck Regulators
• Active Clamp Forward Power Converters
• Half and Full Bridge Converters

3 Description
The SM74104 High Voltage Gate Driver is designed
to drive both the high side and the low side N- Channel MOSFETs in a synchronous buck
configuration. The floating high-side driver is capable
of working with supply voltages up to 100V. The high
side and low side gate drivers are controlled from a
single input. Each change in state is controlled in an
adaptive manner to prevent shoot-through issues. In
addition to the adaptive transition timing, an additional
delay time can be added, proportional to an external
setting resistor. An integrated high voltage diode is
provided to charge the high side gate drive bootstrap
capacitor. A robust level shifter operates at high speed while consuming low power and providing
clean level transitions from the control logic to the
high side gate driver. Under-voltage lockout is
provided on both the low side and the high side
power rails.




Similar Part No. - SM74104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM74104 TI-SM74104 Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104MA/NOPB TI-SM74104MA/NOPB Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104MAX/NOPB TI-SM74104MAX/NOPB Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104SD/NOPB TI-SM74104SD/NOPB Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104SDX/NOPB TI-SM74104SDX/NOPB Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
More results


Similar Description - SM74104

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
High Voltage IC Half Bridge Gate Driver
July 1998
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
SM74104 TI-SM74104 Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
LM5104 TI-LM5104_15 Datasheet
959Kb / 23P
High-Voltage Half-Bridge Gate Driver With Adaptive Delay
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com