Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABT533 Datasheet (PDF) - Texas Instruments

SN54ABT533 Datasheet PDF - Texas Instruments
Part # SN54ABT533
Download  SN54ABT533 Download
File Size   999.4 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS

SN54ABT533 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ABT533 Datasheet PDF - Texas Instruments

Part # SN54ABT533
Download  SN54ABT533 Click to download

File Size   999.4 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS

SN54ABT533 Datasheet (HTML) - Texas Instruments


SN54ABT533 Product details

State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
High-Drive Outputs (–32-mA IOH, 64-mA IOL)
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK),
Plastic (N) and Ceramic (J) DIPs, and
Ceramic Flat (W) Package

description
These octal transparent D-type latches with
3-state outputs are designed specifically for
driving highly capacitive or relatively
low-impedance loads. They are particularly
suitable for implementing buffer registers, I/O
ports, bidirectional bus drivers, and working
registers.
When the latch-enable (LE) input is high, the
Q outputs follow the complements of the data
(D) inputs. When LE is taken low, the Q outputs
are latched at the inverse of the levels at the
D inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high
or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive
the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines
without need for interface or pullup components.
OE does not affect the internal operations of the latches. Previously stored data can be retained or new data
can be entered while the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABT533 is characterized for operation over the full military temperature range of –55°C to 125°C. The
SN74ABT533A is characterized for operation from –40°C to 85°C.




Similar Part No. - SN54ABT533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI1-SN54ABT533 Datasheet
1Mb / 20P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT533FK TI-SN54ABT533FK Datasheet
483Kb / 14P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT533J TI-SN54ABT533J Datasheet
483Kb / 14P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI1-SN54ABT533_16 Datasheet
1Mb / 20P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - SN54ABT533

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com