Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT1G00DBVR Datasheet (PDF) - Texas Instruments

SN74AHCT1G00DBVR Datasheet PDF - Texas Instruments
Part # SN74AHCT1G00DBVR
Download  SN74AHCT1G00DBVR Download
File Size   1059.73 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHCT1G00 Single 2-Input Positive-NAND Gate

SN74AHCT1G00DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AHCT1G00DBVR Datasheet PDF - Texas Instruments

Part # SN74AHCT1G00DBVR
Download  SN74AHCT1G00DBVR Click to download

File Size   1059.73 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHCT1G00 Single 2-Input Positive-NAND Gate

SN74AHCT1G00DBVR Datasheet (HTML) - Texas Instruments


SN74AHCT1G00DBVR Product details

1 Features
• Operating Range of 4.5 V to 5.5 V
• Maximum tpd of 7.1 ns at 5 V
• Low Power Consumption, 10-μA Maximum ICC
• ±8-mA Output Drive at 5 V
• Inputs Are TTL-Voltage Compatible
• Latch-up Performance Exceeds 250 mA Per JESD
17

2 Applications
• IP Phones
• Notebook PCs
• Printers
• Access Control and Security
• Solar Inverters

3 Description
The SN74AHCT1G00 device performs the Boolean
function Y = A × B or Y = A + B in positive logic.




Similar Part No. - SN74AHCT1G00DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G00DBVR TI-SN74AHCT1G00DBVR Datasheet
128Kb / 7P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00DBVR TI1-SN74AHCT1G00DBVR Datasheet
830Kb / 13P
SN74AHCT1G00 SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00DBVR TI-SN74AHCT1G00DBVR Datasheet
816Kb / 13P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00DBVR TI1-SN74AHCT1G00DBVR Datasheet
1,001Kb / 20P
Single 2-Input Positive-NAND Gate
SN74AHCT1G00DBVR TI1-SN74AHCT1G00DBVR Datasheet
1Mb / 25P
Single 2-Input Positive-NAND Gate
More results


Similar Description - SN74AHCT1G00DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
SINGLE 2 INPUT POSITIVE NAND GATE
Rev 1
logo
Texas Instruments
74AHCT1G00DCKRG4 TI1-74AHCT1G00DCKRG4 Datasheet
830Kb / 13P
SN74AHCT1G00 SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
SINGLE 2 INPUT POSITIVE NAND GATE
Rev 2
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74AHCT1G00-Q1 TI1-SN74AHCT1G00-Q1 Datasheet
959Kb / 22P
SN74AHCT1G00-Q1 Automotive 2-Input Positive-NAND Gates
JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com