Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH16271 Datasheet (PDF) - Texas Instruments

SN74ALVCH16271 Datasheet PDF - Texas Instruments
Part # SN74ALVCH16271
Download  SN74ALVCH16271 Download
File Size   1043.55 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS

SN74ALVCH16271 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALVCH16271 Datasheet PDF - Texas Instruments

Part # SN74ALVCH16271
Download  SN74ALVCH16271 Click to download

File Size   1043.55 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS

SN74ALVCH16271 Datasheet (HTML) - Texas Instruments


SN74ALVCH16271 Product details

FEATURES
· Member of the Texas Instruments Widebus™
Family
· Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
· Latch-Up Performance Exceeds 250 mA Per
JESD 17
· ESD Protection Exceeds JESD 22
- 2000-V Human-Body Model (A114-A)
- 200-V Machine Model (A115-A)

DESCRIPTION/ORDERING INFORMATION
This 12-bit to 24-bit bus exchanger is designed for
1.65-V to 3.6-V VCC operation.
The SN74ALVCH16271 is intended for applications in
which two separate data paths must be multiplexed
onto, or demultiplexed from, a single data path. This
device is particularly suitable as an interface
between conventional DRAMs and high-speed
microprocessors.
A data is stored in the internal A-to-B registers on the
low-to-high transition of the clock (CLK) input,
provided that the clock-enable (CLKENA) inputs are
low. Proper control of these inputs allows two
sequential 12-bit words to be presented as a 24-bit
word on the B port.
Transparent latches in the B-to-A path allow
asynchronous operation to maximize memory access
throughput. These latches transfer data when the
latch-enable (LE) inputs are low. The select (SEL)
line selects 1B or 2B data for the A outputs. Data flow
is controlled by the active-low output enables (OEA,
OEB).
line space
To ensure the high-impedance state during power up or power down, the output enables should be tied to VCC
through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the
driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.




Similar Part No. - SN74ALVCH16271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16271 TI-SN74ALVCH16271 Datasheet
136Kb / 10P
12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16271 TI-SN74ALVCH16271 Datasheet
221Kb / 15P
12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16271DGG TI-SN74ALVCH16271DGG Datasheet
136Kb / 10P
12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16271DGGR TI-SN74ALVCH16271DGGR Datasheet
221Kb / 15P
12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16271DL TI-SN74ALVCH16271DL Datasheet
136Kb / 10P
12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ALVCH16271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16271 TI-SN74ALVCH16271 Datasheet
136Kb / 10P
12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16271 PERICOM-PI74ALVCH16271 Datasheet
245Kb / 6P
12-Bit To 24-Bit Multiplexed Bus Exchanger with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16271 TI-SN74ALVCH16271_04 Datasheet
221Kb / 15P
12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com