Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC16834DGVR Datasheet (PDF) - Texas Instruments

SN74AVC16834DGVR Datasheet PDF - Texas Instruments
Part # SN74AVC16834DGVR
Download  SN74AVC16834DGVR Download
File Size   1017.54 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS

SN74AVC16834DGVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC16834DGVR Datasheet PDF - Texas Instruments

Part # SN74AVC16834DGVR
Download  SN74AVC16834DGVR Click to download

File Size   1017.54 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS

SN74AVC16834DGVR Datasheet (HTML) - Texas Instruments


SN74AVC16834DGVR Product details

FEATURES
· Member of the Texas Instruments Widebus™
Family
· DOC™ (Dynamic Output Control) Circuit
Dynamically Changes Output Impedance,
Resulting in Noise Reduction Without Speed
Degradation
· Dynamic Drive Capability Is Equivalent to
Standard Outputs With IOH and IOL of ±24 mA
at 2.5-V VCC
· Overvoltage-Tolerant Inputs/Outputs Allow
Mixed-Voltage-Mode Data Communications
· Ioff Supports Partial-Power-Down Mode
Operation
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II

DESCRIPTION/ORDERING INFORMATION
A Dynamic Output Control (DOC™) circuit is implemented, which, during the transition, initially lowers the output
impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows
typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At
the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a
high-drive standard-output device. For more information, refer to the TI application reports, AVC Logic Family
Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOC™) Circuitry
Technology and Applications, literature number SCEA009.
This 18-bit universal bus driver is operational at 1.2-V to 3.6-V VCC, but is designed specifically for 1.65-V to
3.6-V VCC operation.
Data flow from A to Y is controlled by the output-enable (OE) input. The device operates in the transparent mode
when the latch-enable (LE) input is low. The A data is latched if the clock (CLK) input is held at a high or low
logic level. If LE is high, the A data is stored in the latch/flip-flop on the low-to-high transition of CLK. When OE is
high, the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - SN74AVC16834DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16834DGVR TI1-SN74AVC16834DGVR Datasheet
375Kb / 17P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - SN74AVC16834DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com