Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3253CD Datasheet (PDF) - Texas Instruments

SN74CBT3253CD Datasheet PDF - Texas Instruments
Part # SN74CBT3253CD
Download  SN74CBT3253CD Download
File Size   1054.22 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH –2-V UNDERSHOOT PROTECTION

SN74CBT3253CD Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CBT3253CD Datasheet PDF - Texas Instruments

Part # SN74CBT3253CD
Download  SN74CBT3253CD Click to download

File Size   1054.22 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH –2-V UNDERSHOOT PROTECTION

SN74CBT3253CD Datasheet (HTML) - Texas Instruments


SN74CBT3253CD Product details

FEATURES
· SN74CBT3253C Functionally Identical to
Industry-Standard ’3253 Function
· Undershoot Protection for Off-Isolation on A
and B Ports up to –2 V
· Bidirectional Data Flow, With Near-Zero
Propagation Delay
· Low ON-State Resistance (ron) Characteristics
(ron = 3 W Typical)
· Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
(Cio(OFF) = 5.5 pF Typical)
· Data and Control Inputs Provide Undershoot
Clamp Diodes
· Low Power Consumption (ICC = 3 mA Max)
· VCC Operating Range From 4 V to 5.5 V
· Data I/Os Support 0 to 5-V Signaling Levels
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
· Control Inputs Can Be Driven by TTL or
5-V/3.3-V CMOS Outputs
· Ioff Supports Partial-Power-Down Mode
Operation
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
· Supports I2C Bus Expansion
· Supports Both Digital and Analog
Applications: USB Interface, Bus Isolation,
Low-Distortion Signal Gating

DESCRIPTION/ORDERING INFORMATION
The SN74CBT3253C is a high-speed TTL-compatible FET multiplexer/demultiplexer with low ON-state
resistance (ron), allowing for minimal propagation delay. Active Undershoot-Protection Circuitry on the A and B
ports of the SN74CBT3253C provides protection for undershoot up to –2 V by sensing an undershoot event and
ensuring that the switch remains in the proper OFF state.
The SN74CBT3253C is organized as two 1-of-4 multiplexer/demultiplexers with separate output-enable (1OE,
2OE) inputs. The select (S0, S1) inputs control the data path of each multiplexer/demultiplexer. When OE is low,
the associated multiplexer/demultiplexer is enabled, and the A port is connected to the B port, allowing
bidirectional data flow between ports. When OE is high, the associated multiplexer/demultiplexer is disabled, and
a high-impedance state exists between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.




Similar Part No. - SN74CBT3253CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3253CD TI-SN74CBT3253CD Datasheet
401Kb / 14P
DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT3253CD TI1-SN74CBT3253CD Datasheet
906Kb / 22P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3253CDB TI-SN74CBT3253CDB Datasheet
401Kb / 14P
DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT3253CDB TI1-SN74CBT3253CDB Datasheet
906Kb / 22P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3253CDBQR TI-SN74CBT3253CDBQR Datasheet
401Kb / 14P
DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
More results


Similar Description - SN74CBT3253CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
400Kb / 15P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI-SN74CBT3253C Datasheet
401Kb / 14P
DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C Datasheet
235Kb / 13P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C_07 Datasheet
758Kb / 19P
4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3125C TI-SN74CBT3125C_08 Datasheet
830Kb / 19P
QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C_08 Datasheet
357Kb / 13P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3305C TI1-SN74CBT3305C_15 Datasheet
1Mb / 16P
DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3253C TI1-SN74CBT3253C_15 Datasheet
906Kb / 22P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com