Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4617E3 Datasheet (PDF) - Rohm

2SC4617E3 Datasheet PDF - Rohm
Part # 2SC4617E3
Download  2SC4617E3 Download
File Size   4064.79 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose small signal amplifier (50V,150mA)

2SC4617E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4617E3 Datasheet PDF - Rohm

Part # 2SC4617E3
Download  2SC4617E3 Click to download

File Size   4064.79 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose small signal amplifier (50V,150mA)

2SC4617E3 Datasheet (HTML) - Rohm


2SC4617E3 Product details

lFeatures
1)Low Cob.Cob=2.0pF(Typ.)
2)Complements the 2SA2029/
  2SA1774EB/2SA1774E3/2SA1576UB/
  2SA1576A/2SA1037AK.

lApplication
GENERAL PURPOSE SMALL SIGNAL AMPLIFIER




Similar Part No. - 2SC4617E3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4617E3 ROHM-2SC4617E3 Datasheet
3Mb / 15P
General purpose small signal amplifier (50V, 150mA)
Rev.005
2SC4617E3HZG ROHM-2SC4617E3HZG Datasheet
1Mb / 9P
General purpose small signal amplifier (50V,150mA)
20220607 - Rev.001
2SC4617E3TLQ ROHM-2SC4617E3TLQ Datasheet
3Mb / 15P
General purpose small signal amplifier (50V, 150mA)
Rev.005
2SC4617E3TLQ ROHM-2SC4617E3TLQ Datasheet
1Mb / 9P
Medium power transistor (60V, 500mA)
Rev.003
More results


Similar Description - 2SC4617E3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4081UB ROHM-2SC4081UB_09 Datasheet
168Kb / 4P
General purpose small signal amplifier (50V, 0.15A)
2SC4617EB ROHM-2SC4617EB_09 Datasheet
170Kb / 4P
General purpose small signal amplifier (50V, 0.15A)
2SA1576UB ROHM-2SA1576UB_10 Datasheet
143Kb / 3P
General purpose small signal amplifier (50V, 0.15A)
2SC4081UB ROHM-2SC4081UB_10 Datasheet
146Kb / 4P
General purpose small signal amplifier (50V, 0.15A)
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
General purpose small signal amplifier(50V, 150mA)
2SC4617E3HZG ROHM-2SC4617E3HZG Datasheet
1Mb / 9P
General purpose small signal amplifier (50V,150mA)
20220607 - Rev.001
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4617FRA ROHM-2SC4617FRA Datasheet
1,005Kb / 9P
General purpose small signal amplifier (50V,150mA)
20190920 - Rev.002
2SC5658FHA ROHM-2SC5658FHA Datasheet
1Mb / 8P
General purpose small signal amplifier (50V, 150mA)
20160909 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com