Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC7001DR Datasheet (PDF) - Texas Instruments

SN74HC7001DR Datasheet PDF - Texas Instruments
Part # SN74HC7001DR
Download  SN74HC7001DR Download
File Size   1030.82 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HC7001 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs

SN74HC7001DR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HC7001DR Datasheet PDF - Texas Instruments

Part # SN74HC7001DR
Download  SN74HC7001DR Click to download

File Size   1030.82 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HC7001 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs

SN74HC7001DR Datasheet (HTML) - Texas Instruments


SN74HC7001DR Product details

1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
–40°C to +85°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Combining power good signals
• Enable digital signals

3 Description
This device contains four independent 2-input AND
gates with Schmitt-trigger inputs. Each gate performs
the Boolean function Y = A ● B in positive logic.




Similar Part No. - SN74HC7001DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC7001DR TI-SN74HC7001DR Datasheet
313Kb / 9P
QUADRUPLE POSITIVE-AND GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC7001DR TI1-SN74HC7001DR Datasheet
605Kb / 12P
QUADRUPLE POSITIVE-AND GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC7001DR TI2-SN74HC7001DR Datasheet
1Mb / 23P
SN74HC7001 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
REVISED APRIL 2021
SN74HC7001DR.A TI2-SN74HC7001DR.A Datasheet
1Mb / 23P
SN74HC7001 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
REVISED APRIL 2021
SN74HC7001DRE4 TI-SN74HC7001DRE4 Datasheet
313Kb / 9P
QUADRUPLE POSITIVE-AND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Similar Description - SN74HC7001DR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
Rev 1
logo
Texas Instruments
SN74HCS08-Q1 TI1-SN74HCS08-Q1 Datasheet
257Kb / 16P
Automotive Quadruple 2-Input Positive-AND Gates with Schmitt-trigger Inputs
SN74HCS08 TI1-SN74HCS08 Datasheet
330Kb / 18P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS86 TI1-SN74HCS86 Datasheet
348Kb / 15P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS02 TI1-SN74HCS02_V01 Datasheet
993Kb / 22P
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS08 TI1-SN74HCS08_V01 Datasheet
993Kb / 22P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS32 TI1-SN74HCS32_V01 Datasheet
994Kb / 22P
SN74HCS32 Quadruple 2-Input OR Gates with Schmitt-Trigger Inputs
SN74HCS7266 TI1-SN74HCS7266_V01 Datasheet
1Mb / 22P
SN74HCS7266 Quadruple 2-Input XNOR Gates with Schmitt-Trigger Inputs
SN74HCS08 TI-SN74HCS08_V02 Datasheet
1Mb / 24P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS08 TI-SN74HCS08_V03 Datasheet
2Mb / 31P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com